Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC158 Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74HC158
Szczegółowy opis  Quad 2-input multiplexer; inverting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC158 Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74HC158_15 Datasheet HTML 5Page - NXP Semiconductors 74HC158_15 Datasheet HTML 6Page - NXP Semiconductors 74HC158_15 Datasheet HTML 7Page - NXP Semiconductors 74HC158_15 Datasheet HTML 8Page - NXP Semiconductors 74HC158_15 Datasheet HTML 9Page - NXP Semiconductors 74HC158_15 Datasheet HTML 10Page - NXP Semiconductors 74HC158_15 Datasheet HTML 11Page - NXP Semiconductors 74HC158_15 Datasheet HTML 12Page - NXP Semiconductors 74HC158_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9397 750 13805
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
9 of 16
Philips Semiconductors
74HC158
Quad 2-input multiplexer; inverting
11. Dynamic characteristics
Table 8:
Dynamic characteristics
GND = 0 V; tr = tf = 6 ns; CL = 50 pF; see Figure 8.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 °C
tPHL, tPLH
propagation delay nI0, nI1 to nY
see Figure 6
VCC = 2.0 V
-
41
125
ns
VCC = 4.5 V
-
15
25
ns
VCC = 6.0 V
-
12
21
ns
VCC = 5.0 V; CL =15pF
-
12
-
ns
propagation delay E to nY
see Figure 7
VCC = 2.0 V
-
47
145
ns
VCC = 4.5 V
-
17
29
ns
VCC = 6.0 V
-
14
25
ns
VCC = 5.0 V; CL =15pF
-
14
-
ns
propagation delay S to nY
see Figure 6
VCC = 2.0 V
-
47
145
ns
VCC = 4.5 V
-
17
29
ns
VCC = 6.0 V
-
14
25
ns
VCC = 5.0 V; CL =15pF
-
14
-
ns
tTHL, tTLH
output transition time
see Figure 6 and 7
VCC = 2.0 V
-
19
75
ns
VCC = 4.5 V
-
7
15
ns
VCC = 6.0 V
-
6
13
ns
CPD
power dissipation capacitance per multiplexer
VI = GND to VCC
[1] -40
-
pF
Tamb = −40 °C to +85 °C
tPHL, tPLH
propagation delay nI0, nI1 to nY
see Figure 6
VCC = 2.0 V
-
-
155
ns
VCC = 4.5 V
-
-
31
ns
VCC = 6.0 V
-
-
26
ns
propagation delay E to nY
see Figure 7
VCC = 2.0 V
-
-
180
ns
VCC = 4.5 V
-
-
36
ns
VCC = 6.0 V
-
-
31
ns
propagation delay S to nY
see Figure 6
VCC = 2.0 V
-
-
180
ns
VCC = 4.5 V
-
-
36
ns
VCC = 6.0 V
-
-
31
ns
tTHL, tTLH
output transition time
see Figure 6 and 7
VCC = 2.0 V
-
-
95
ns
VCC = 4.5 V
-
-
19
ns
VCC = 6.0 V
-
-
16
ns


Podobny numer części - 74HC158_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC158D PHILIPS-74HC158D Datasheet
44Kb / 7P
   Quad 2-input multiplexer; inverting
December 1990
logo
Nexperia B.V. All right...
74HC158D NEXPERIA-74HC158D Datasheet
693Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 4 - 23 December 2015
logo
NXP Semiconductors
74HC158N PHILIPS-74HC158N Datasheet
44Kb / 7P
   Quad 2-input multiplexer; inverting
December 1990
More results

Podobny opis - 74HC158_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
   Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
MC10H159 ONSEMI-MC10H159 Datasheet
104Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158 Datasheet
44Kb / 7P
   Quad 2-input multiplexer; inverting
December 1990
logo
Nexperia B.V. All right...
74HC158 NEXPERIA-74HC158 Datasheet
693Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 4 - 23 December 2015
logo
ON Semiconductor
MC10158 ONSEMI-MC10158_02 Datasheet
88Kb / 4P
   Quad 2-Input Multiplexer (Non-Inverting)
January, 2002 ??Rev. 7
MC10158 ONSEMI-MC10158 Datasheet
107Kb / 4P
   Quad 2-Input Multiplexer(Non-Inverting)
1996 REV 5
logo
Intersil Corporation
CD54AC157 INTERSIL-CD54AC157 Datasheet
8Kb / 1P
   Quad 2-Input Multiplexer Non-Inverting
June 1997
logo
ON Semiconductor
MC10H158 ONSEMI-MC10H158 Datasheet
103Kb / 4P
   Quad 2-Input Multiplexer(Non-Inverting)
REV 5
logo
NXP Semiconductors
74HC258 NXP-74HC258 Datasheet
100Kb / 14P
   Quad 2-input multiplexer; 3-state; inverting
Rev. 04-14 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com