Zakładka z wyszukiwarką danych komponentów |
|
74LV14 Arkusz danych(PDF) 5 Page - NXP Semiconductors |
|
74LV14 Arkusz danych(HTML) 5 Page - NXP Semiconductors |
5 / 19 page 74LV14 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 6 — 12 December 2011 5 of 19 NXP Semiconductors 74LV14 Hex inverting Schmitt trigger 10. Static characteristics [1] Typical values are measured at Tamb = 25 C. Table 6. Static characteristics Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Tamb = 40 C to +85 C Tamb = 40 C to +125 C Unit Min Typ[1] Max Min Max VOH HIGH-level output voltage VI = VT+ or VT IO = 100 A; VCC = 1.2 V - 1.2 - - - V IO = 100 A; VCC = 2.0 V 1.8 2.0 - 1.8 - V IO = 100 A; VCC = 2.7 V 2.5 2.7 - 2.5 - V IO = 100 A; VCC = 3.0 V 2.8 3.0 - 2.8 - V IO = 100 A; VCC = 4.5 V 4.3 4.5 - 4.3 - V IO = 6 mA; VCC = 3.0 V 2.4 2.82 - 2.2 - V IO = 12 mA; VCC = 4.5 V 3.6 4.2 - 3.5 - V VOL LOW-level output voltage VI = VT+ or VT IO = 100 A; VCC = 1.2 V - 0 - - - V IO = 100 A; VCC = 2.0 V - 0 0.2 - 0.2 V IO = 100 A; VCC = 2.7 V - 0 0.2 - 0.2 V IO = 100 A; VCC = 3.0 V - 0 0.2 - 0.2 V IO = 100 A; VCC = 4.5 V - 0 0.2 - 0.2 V IO = 6 mA; VCC = 3.0 V - 0.25 0.40 - 0.50 V IO = 12 mA; VCC = 4.5 V - 0.35 0.55 - 0.65 V II input leakage current VI =VCC or GND; VCC =5.5 V - - 1.0 - 1.0 A ICC supply current VI = VCC or GND; IO = 0 A; VCC =5.5 V - - 20.0 - 40 A I CC additional supply current per input; VI = VCC 0.6 V; VCC = 2.7 V to 3.6 V -- 500 - 850 A CI input capacitance - 3.5 - - - pF |
Podobny numer części - 74LV14_15 |
|
Podobny opis - 74LV14_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |