Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV14 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LV14
Szczegółowy opis  Hex inverting Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV14 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LV14_15 Datasheet HTML 2Page - NXP Semiconductors 74LV14_15 Datasheet HTML 3Page - NXP Semiconductors 74LV14_15 Datasheet HTML 4Page - NXP Semiconductors 74LV14_15 Datasheet HTML 5Page - NXP Semiconductors 74LV14_15 Datasheet HTML 6Page - NXP Semiconductors 74LV14_15 Datasheet HTML 7Page - NXP Semiconductors 74LV14_15 Datasheet HTML 8Page - NXP Semiconductors 74LV14_15 Datasheet HTML 9Page - NXP Semiconductors 74LV14_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
74LV14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 12 December 2011
6 of 19
NXP Semiconductors
74LV14
Hex inverting Schmitt trigger
11. Dynamic characteristics
[1]
All typical values are measured at Tamb =25 C.
[2]
tpd is the same as tPLH and tPHL.
[3]
Typical values are measured at nominal supply voltage (VCC = 3.3 V).
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz, fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in V
N = number of inputs switching
(C
L  VCC
2
 f
o) = sum of the outputs.
12. Waveforms
Table 7.
Dynamic characteristics
GND = 0 V; For test circuit see Figure 7.
Symbol Parameter
Conditions
Tamb = 40 C
to +85
C
Tamb = 40 C
to +125
C
Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nA to nY; see Figure 6
[2]
VCC = 1.2 V
-
80
-
-
-
ns
VCC = 2.0 V
-
27
37
-
48
ns
VCC = 2.7 V
-
20
28
-
35
ns
VCC = 3.0 V to 3.6 V; CL =15pF
[3]
-13
-
-
-
ns
VCC = 3.0 V to 3.6 V
[3]
-
15
22
-
28
ns
VCC = 4.5 V to 5.5 V
-
-
18
-
23
ns
CPD
power dissipation
capacitance
CL =50pF; fi = 1 MHz;
VI =GND to VCC
[4]
-15
-
-
-
pF
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
The input (nA) to output (nY) propagation delays
mna344
tPHL
tPLH
VM
VM
VM
VM
nA input
nY output
GND
VI
VOH
VOL


Podobny numer części - 74LV14_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV14A TI-74LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Diodes Incorporated
74LV14A DIODES-74LV14A Datasheet
285Kb / 9P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
logo
Nexperia B.V. All right...
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
74LV14ABZ NEXPERIA-74LV14ABZ Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
74LV14APW NEXPERIA-74LV14APW Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
More results

Podobny opis - 74LV14_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com