Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV14 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74LV14
Szczegółowy opis  Hex inverting Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV14 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74LV14_15 Datasheet HTML 3Page - NXP Semiconductors 74LV14_15 Datasheet HTML 4Page - NXP Semiconductors 74LV14_15 Datasheet HTML 5Page - NXP Semiconductors 74LV14_15 Datasheet HTML 6Page - NXP Semiconductors 74LV14_15 Datasheet HTML 7Page - NXP Semiconductors 74LV14_15 Datasheet HTML 8Page - NXP Semiconductors 74LV14_15 Datasheet HTML 9Page - NXP Semiconductors 74LV14_15 Datasheet HTML 10Page - NXP Semiconductors 74LV14_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
74LV14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 12 December 2011
7 of 19
NXP Semiconductors
74LV14
Hex inverting Schmitt trigger
13. Transfer characteristics
Table 8.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
< 2.7 V
0.5VCC
0.5VCC
2.7 V to 3.6 V
1.5 V
1.5 V
 4.5 V
0.5VCC
0.5VCC
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
Fig 7.
Load circuit for switching times
VCC
VI
VO
001aaa663
DUT
CL
50 pF
RT
RL
1 k
Ω
PULSE
GENERATOR
Table 9.
Test data
Supply voltage
Input
VCC
VI
tr, tf
< 2.7 V
VCC
 2.5 ns
2.7 V to 3.6 V
2.7 V
 2.5 ns
 4.5 V
VCC
 2.5 ns
Table 10.
Transfer characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); see Figure 8 and Figure 9.
Symbol Parameter
Conditions
Tamb = 40 C
to +85
C
Tamb = 40 C
to +125
C
Unit
Min
Typ[1]
Max
Min
Max
VT+
positive-going
threshold voltage
VCC = 1.2 V
-
0.70
-
-
-
V
VCC = 2.0 V
0.8
1.10
1.4
0.8
1.4
V
VCC = 2.7 V
1.0
1.45
2.0
1.0
2.0
V
VCC = 3.0 V
1.2
1.60
2.2
1.2
2.2
V
VCC = 3.6 V
1.5
1.95
2.4
1.5
2.4
V
VCC = 4.5 V
1.7
2.50
3.15
1.7
3.15
V
VCC = 5.5 V
2.1
3.00
3.85
2.1
3.85
V


Podobny numer części - 74LV14_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV14A TI-74LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Diodes Incorporated
74LV14A DIODES-74LV14A Datasheet
285Kb / 9P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
logo
Nexperia B.V. All right...
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
74LV14ABZ NEXPERIA-74LV14ABZ Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
74LV14APW NEXPERIA-74LV14APW Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
More results

Podobny opis - 74LV14_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com