Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV123 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74LV123
Szczegółowy opis  74LV123_15
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV123 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74LV123_15 Datasheet HTML 1Page - NXP Semiconductors 74LV123_15 Datasheet HTML 2Page - NXP Semiconductors 74LV123_15 Datasheet HTML 3Page - NXP Semiconductors 74LV123_15 Datasheet HTML 4Page - NXP Semiconductors 74LV123_15 Datasheet HTML 5Page - NXP Semiconductors 74LV123_15 Datasheet HTML 6Page - NXP Semiconductors 74LV123_15 Datasheet HTML 7Page - NXP Semiconductors 74LV123_15 Datasheet HTML 8Page - NXP Semiconductors 74LV123_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
74LV123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 12 December 2011
5 of 24
NXP Semiconductors
74LV123
Dual retriggerable monostable multivibrator with reset
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this
pad using conductive die attach
material. It cannot be used as a supply
pin or input.
Fig 5.
Pin configuration for DIP16, SO16,
SSOP16 and TSSOP16
Fig 6.
Pin configuration for DHVQFN16
74LV123
1A
VCC
1B
1REXT/CEXT
1RD
1CEXT
1Q
1Q
2Q
2Q
2CEXT
2RD
2REXT/CEXT
2B
GND
2A
001aag678
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aag650
74LV123
2REXT/CEXT
2B
2CEXT
2RD
2Q
2Q
1Q
1Q
1RD
1CEXT
1B
1REXT/CEXT
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
VCC(1)
Table 2.
Pin description
Symbol
Pin
Description
1A
1
negative-edge triggered input 1
1B
2
positive-edge triggered input 1
1RD
3
direct reset LOW and positive-edge triggered input 1
1Q
4
active LOW output 1
2Q
5
active HIGH output 2
2CEXT
6
external capacitor connection 2
2REXT/CEXT
7
external resistor and capacitor connection 2
GND
8
ground (0 V)
2A
9
negative-edge triggered input 2
2B
10
positive-edge triggered input 2
2RD
11
direct reset LOW and positive-edge triggered input 2
2Q
12
active LOW output 2
1Q
13
active HIGH output 1
1CEXT
14
external capacitor connection 1
1REXT/CEXT
15
external resistor and capacitor connection 1
VCC
16
supply voltage


Podobny numer części - 74LV123_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV123A TI-74LV123A Datasheet
530Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
NXP Semiconductors
74LV123BQ NXP-74LV123BQ Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74LV123BQ PHILIPS-74LV123BQ Datasheet
278Kb / 24P
   Dual retriggerable monostable multivibrator with reset Rev. 7 ??12 December 2011
Rev. 7-12 December 2011
logo
Nexperia B.V. All right...
74LV123BQ NEXPERIA-74LV123BQ Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
logo
NXP Semiconductors
74LV123D PHILIPS-74LV123D Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com