Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV123 Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74LV123
Szczegółowy opis  74LV123_15
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV123 Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74LV123_15 Datasheet HTML 5Page - NXP Semiconductors 74LV123_15 Datasheet HTML 6Page - NXP Semiconductors 74LV123_15 Datasheet HTML 7Page - NXP Semiconductors 74LV123_15 Datasheet HTML 8Page - NXP Semiconductors 74LV123_15 Datasheet HTML 9Page - NXP Semiconductors 74LV123_15 Datasheet HTML 10Page - NXP Semiconductors 74LV123_15 Datasheet HTML 11Page - NXP Semiconductors 74LV123_15 Datasheet HTML 12Page - NXP Semiconductors 74LV123_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
74LV123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 12 December 2011
9 of 24
NXP Semiconductors
74LV123
Dual retriggerable monostable multivibrator with reset
[1]
All typical values are measured at Tamb = 25 C.
VOH
HIGH-level output voltage
VI = VIH or VIL
lO = 100 A; VCC = 1.2 V
-
-
-
V
lO = 100 A; VCC = 2.0 V
1.8
-
-
V
lO = 100 A; VCC = 2.7 V
2.5
-
-
V
lO = 100 A; VCC = 3.0 V
2.8
-
-
V
lO = 100 A; VCC = 4.5 V
4.3
-
-
V
lO = 6 mA; VCC = 3.0 V
2.2
-
-
V
lO = 12 mA; VCC = 4.5 V
3.5
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 100 A; VCC = 1.2 V
-
-
-
V
IO = 100 A; VCC = 2.0 V
-
-
0.2
V
IO = 100 A; VCC = 2.7 V
-
-
0.2
V
IO = 100 A; VCC = 3.0 V
-
-
0.2
V
IO = 100 A; VCC = 4.5 V
-
-
0.2
V
IO = 6 mA; VCC = 3.0 V
-
-
0.5
V
IO = 12 mA; VCC = 4.5 V
-
-
0.65
V
II
input leakage current
VI = VCC or GND; VCC = 5.5 V
-
-
1.0
A
ICC
supply current
VI = VCC or GND; IO = 0 A; VCC =5.5 V
-
-
160
A
I
CC
additional supply current
VI = VCC  0.6 V; VCC = 2.7 V to 3.6 V
-
-
850
A
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit


Podobny numer części - 74LV123_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV123A TI-74LV123A Datasheet
530Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
NXP Semiconductors
74LV123BQ NXP-74LV123BQ Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74LV123BQ PHILIPS-74LV123BQ Datasheet
278Kb / 24P
   Dual retriggerable monostable multivibrator with reset Rev. 7 ??12 December 2011
Rev. 7-12 December 2011
logo
Nexperia B.V. All right...
74LV123BQ NEXPERIA-74LV123BQ Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
logo
NXP Semiconductors
74LV123D PHILIPS-74LV123D Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com