Zakładka z wyszukiwarką danych komponentów |
|
74LV123 Arkusz danych(PDF) 1 Page - NXP Semiconductors |
|
74LV123 Arkusz danych(HTML) 1 Page - NXP Semiconductors |
1 / 24 page 1. General description The 74LV123 is a low-voltage Si-gate CMOS device and is pin and function compatible with the 74HC123; 74HCT123. It is a dual retriggerable monostable multivibrator which uses three methods to control the output pulse width: 1. The basic pulse time is programmed by the selection of an external resistor (REXT) and capacitor (CEXT). These are normally connected as shown in Figure 9. 2. Once triggered, the basic output pulse width may be extended by retriggering the gated active LOW-going edge input (nA) or the active HIGH-going edge input (nB). By repeating this process, the output pulse period (nQ = HIGH, nQ = LOW) can be made as long as desired (see Figure 12). 3. Alternatively, an output delay can be terminated at any time by a LOW-going edge on input nRD, which also inhibits the triggering (see Figure 13). Schmitt-trigger action in the nA and nB inputs makes the circuit highly tolerant of slower input rise and fall times. 2. Features and benefits Optimized for low-voltage applications: 1.0 V to 5.5 V Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V Typical output ground bounce: < 0.8 V at VCC = 3.3 V and Tamb = 25 C Typical HIGH-level output voltage (VOH) undershoot: > 2 V at VCC = 3.3 V and Tamb = 25 C DC triggered from active HIGH or active LOW inputs Retriggerable for very long pulses up to 100 % duty factor Direct reset terminates output pulses Schmitt-trigger action on all inputs except for the reset input 74LV123 Dual retriggerable monostable multivibrator with reset Rev. 7 — 12 December 2011 Product data sheet |
Podobny numer części - 74LV123_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |