Zakładka z wyszukiwarką danych komponentów |
|
74LV132 Arkusz danych(PDF) 5 Page - NXP Semiconductors |
|
74LV132 Arkusz danych(HTML) 5 Page - NXP Semiconductors |
5 / 17 page 74LV132_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 2 July 2009 5 of 17 NXP Semiconductors 74LV132 Quad 2-input NAND Schmitt trigger 9. Recommended operating conditions [1] The static characteristics are guaranteed from VCC = 1.2 V to VCC = 5.5 V, but LV devices are guaranteed to function down to VCC = 1.0 V (with input levels GND or VCC). 10. Static characteristics [1] Typical values are measured at Tamb = 25 °C. Table 5. Recommended operating conditions Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit VCC supply voltage[1] 1.0 3.3 5.5 V VI input voltage 0 - VCC V VO output voltage 0 - VCC V Tamb ambient temperature −40 +25 +125 °C Table 6. Static characteristics Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions −40 °C to +85 °C −40 °C to +125 °C Unit Min Typ[1] Max Min Max VOH HIGH-level output voltage VI = VT+ or VT− lO = −100 µA; VCC = 1.2 V - 1.2 - - - V lO = −100 µA; VCC = 2.0 V 1.8 2.0 - 1.8 - V lO = −100 µA; VCC = 2.7 V 2.5 2.7 - 2.5 - V lO = −100 µA; VCC = 3.0 V 2.8 3.0 - 2.8 - V lO = −100 µA; VCC = 4.5 V 4.3 4.5 - 4.3 - V lO = −6 mA; VCC = 3.0 V 2.4 2.82 - 2.2 - V lO = −12 mA; VCC = 4.5 V 3.6 4.2 - 3.5 - V VOL LOW-level output voltage VI = VT+ or VT− IO = 100 µA; VCC = 1.2 V - 0 - - - V IO = 100 µA; VCC = 2.0 V - 0 0.2 - 0.2 V IO = 100 µA; VCC = 2.7 V - 0 0.2 - 0.2 V IO = 100 µA; VCC = 3.0 V - 0 0.2 - 0.2 V IO = 100 µA; VCC = 4.5 V - 0 0.2 - 0.2 V IO = 6 mA; VCC = 3.0 V - 0.25 0.40 - 0.50 V IO = 12 mA; VCC = 4.5 V - 0.35 0.55 - 0.65 V II input leakage current VI =VCC or GND; VCC = 5.5 V - - 1.0 - 1.0 µA ICC supply current VI = VCC or GND; IO = 0 A; VCC = 5.5 V - - 20.0 - 40 µA ∆ICC additional supply current per input; VI = VCC − 0.6 V; VCC = 2.7 V to 3.6 V - - 500 - 850 µA CI input capacitance - 3.5 - - - pF |
Podobny numer części - 74LV132_15 |
|
Podobny opis - 74LV132_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |