Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV132 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74LV132
Szczegółowy opis  Quad 2-input NAND Schmitt trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV132 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74LV132_15 Datasheet HTML 3Page - NXP Semiconductors 74LV132_15 Datasheet HTML 4Page - NXP Semiconductors 74LV132_15 Datasheet HTML 5Page - NXP Semiconductors 74LV132_15 Datasheet HTML 6Page - NXP Semiconductors 74LV132_15 Datasheet HTML 7Page - NXP Semiconductors 74LV132_15 Datasheet HTML 8Page - NXP Semiconductors 74LV132_15 Datasheet HTML 9Page - NXP Semiconductors 74LV132_15 Datasheet HTML 10Page - NXP Semiconductors 74LV132_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74LV132_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 July 2009
7 of 17
NXP Semiconductors
74LV132
Quad 2-input NAND Schmitt trigger
13. Transfer characteristics
Table 8.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
< 2.7 V
0.5VCC
0.5VCC
2.7 V to 3.6 V
1.5 V
1.5 V
≥ 4.5 V
0.5VCC
0.5VCC
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
Fig 7.
Load circuit for switching times
VCC
VI
VO
001aaa663
DUT
CL
50 pF
RT
RL
1 k
PULSE
GENERATOR
Table 9.
Test data
Supply voltage
VCC
Input
VI
tr, tf
< 2.7 V
VCC
≤ 2.5 ns
2.7 V to 3.6 V
2.7 V
≤ 2.5 ns
≥ 4.5 V
VCC
≤ 2.5 ns
Table 10.
Transfer characteristics
GND = 0 V; For test circuit see Figure 7.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
VT+
positive-going
threshold voltage
see Figure 6
VCC = 1.2 V
-
0.70
-
-
-
V
VCC = 2.0 V
0.8
1.10
1.4
0.8
1.4
V
VCC = 2.7 V
1.0
1.45
2.0
1.0
2.0
V
VCC = 3.0 V
1.2
1.60
2.2
1.2
2.2
V
VCC = 3.6 V
1.5
1.95
2.4
1.5
2.4
V
VCC = 4.5 V
1.7
2.50
3.2
1.7
3.2
V
VCC = 5.5 V
2.1
3.00
3.9
2.1
3.9
V


Podobny numer części - 74LV132_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV132-Q100 NEXPERIA-74LV132-Q100 Datasheet
717Kb / 16P
   Quad 2-input NAND Schmitt trigger
logo
Diodes Incorporated
74LV132A DIODES-74LV132A Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
74LV132AS14 DIODES-74LV132AS14 Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
74LV132AS14-13 DIODES-74LV132AS14-13 Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
74LV132AT14 DIODES-74LV132AT14 Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
More results

Podobny opis - 74LV132_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com