Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV132 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74LV132
Szczegółowy opis  Quad 2-input NAND Schmitt trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV132 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74LV132_15 Datasheet HTML 6Page - NXP Semiconductors 74LV132_15 Datasheet HTML 7Page - NXP Semiconductors 74LV132_15 Datasheet HTML 8Page - NXP Semiconductors 74LV132_15 Datasheet HTML 9Page - NXP Semiconductors 74LV132_15 Datasheet HTML 10Page - NXP Semiconductors 74LV132_15 Datasheet HTML 11Page - NXP Semiconductors 74LV132_15 Datasheet HTML 12Page - NXP Semiconductors 74LV132_15 Datasheet HTML 13Page - NXP Semiconductors 74LV132_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
74LV132_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 July 2009
10 of 17
NXP Semiconductors
74LV132
Quad 2-input NAND Schmitt trigger
15. Package outline
Fig 13. Package outline SOT27-1 (DIP14)
UNIT
A
max.
1
2
(1)
(1)
b1
cD
(1)
Z
Ee
MH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
SOT27-1
99-12-27
03-02-13
A
min.
A
max.
b
max.
w
M E
e 1
1.73
1.13
0.53
0.38
0.36
0.23
19.50
18.55
6.48
6.20
3.60
3.05
0.254
2.54
7.62
8.25
7.80
10.0
8.3
2.2
4.2
0.51
3.2
0.068
0.044
0.021
0.015
0.77
0.73
0.014
0.009
0.26
0.24
0.14
0.12
0.01
0.1
0.3
0.32
0.31
0.39
0.33
0.087
0.17
0.02
0.13
050G04
MO-001
SC-501-14
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
14
1
8
7
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
DIP14: plastic dual in-line package; 14 leads (300 mil)
SOT27-1


Podobny numer części - 74LV132_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV132-Q100 NEXPERIA-74LV132-Q100 Datasheet
717Kb / 16P
   Quad 2-input NAND Schmitt trigger
logo
Diodes Incorporated
74LV132A DIODES-74LV132A Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
74LV132AS14 DIODES-74LV132AS14 Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
74LV132AS14-13 DIODES-74LV132AS14-13 Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
74LV132AT14 DIODES-74LV132AT14 Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
More results

Podobny opis - 74LV132_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com