Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV138 Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74LV138
Szczegółowy opis  3-to-8 line decoder/demultiplexer; inverting
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV138 Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74LV138_15 Datasheet HTML 5Page - NXP Semiconductors 74LV138_15 Datasheet HTML 6Page - NXP Semiconductors 74LV138_15 Datasheet HTML 7Page - NXP Semiconductors 74LV138_15 Datasheet HTML 8Page - NXP Semiconductors 74LV138_15 Datasheet HTML 9Page - NXP Semiconductors 74LV138_15 Datasheet HTML 10Page - NXP Semiconductors 74LV138_15 Datasheet HTML 11Page - NXP Semiconductors 74LV138_15 Datasheet HTML 12Page - NXP Semiconductors 74LV138_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
74LV138_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 15 November 2007
9 of 17
NXP Semiconductors
74LV138
3-to-8 line decoder/demultiplexer; inverting
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
Fig 8.
Load circuit for switching times
VCC
VI
VO
001aaa663
D.U.T.
CL
50 pF
RT
RL
1 k
PULSE
GENERATOR
Table 9.
Test data
Supply voltage
VCC
Input
VI
tr, tf
< 2.7 V
VCC
≤ 2.5 ns
2.7 V to 3.6 V
2.7 V
≤ 2.5 ns
≥ 4.5 V
VCC
≤ 2.5 ns


Podobny numer części - 74LV138_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV138A TI-74LV138A Datasheet
649Kb / 18P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
NXP Semiconductors
74LV138BQ NXP-74LV138BQ Datasheet
105Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
Nexperia B.V. All right...
74LV138BQ NEXPERIA-74LV138BQ Datasheet
256Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 6 - 22 July 2021
logo
NXP Semiconductors
74LV138D PHILIPS-74LV138D Datasheet
116Kb / 12P
   3-to-8 line decoder/multiplexer; inverting
1998 Apr 28
74LV138D NXP-74LV138D Datasheet
105Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
More results

Podobny opis - 74LV138_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
   3-to-8 Line Decoder/Demultiplexer; Inverting
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
logo
NXP Semiconductors
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74HC138D NXP-74HC138D Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com