Zakładka z wyszukiwarką danych komponentów |
|
74LV138 Arkusz danych(PDF) 1 Page - NXP Semiconductors |
|
74LV138 Arkusz danych(HTML) 1 Page - NXP Semiconductors |
1 / 17 page 1. General description The 74LV138 is a low-voltage Si-gate CMOS device that is pin and function compatible with 74HC138 and 74HCT138. The 74LV138 is a 3-to-8 line decoder/demultiplexer. It accepts three binary weighted address inputs (A0, A1 and A2) and, when enabled, provides eight mutually exclusive active LOW outputs (Y0 to Y7). There are three enable inputs: two active LOW (E1 and E2) and one active HIGH (E3). Every output will be HIGH unless E1 and E2 are LOW and E3 is HIGH. This multiple enable function allows easy parallel expansion of the device to a 1-of-32 (5 lines to 32 lines) decoder with just four 74LV138 devices and one inverter. The 74LV138 can be used as an eight output demultiplexer by using one of the active LOW enable inputs as the data input and the remaining enable inputs as strobes. Unused enable inputs must be permanently tied to their appropriate active HIGH or LOW state. 2. Features s Wide operating voltage: 1.0 V to 5.5 V s Optimized for low voltage applications: 1.0 V to 3.6 V s Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V s Typical output ground bounce < 0.8 V at VCC = 3.3 V and Tamb = 25 °C s Typical HIGH-level output voltage (VOH) undershoot: > 2 V at VCC = 3.3 V and Tamb =25 °C s Demultiplexing capability s Multiple input enable for easy expansion s Ideal for memory chip select decoding s Active LOW mutually exclusive outputs s ESD protection: x HBM JESD22-A114E exceeds 2000 V x MM JESD22-A115-A exceeds 200 V s Multiple package options s Specified from −40 °Cto+85 °C and from −40 °C to +125 °C 74LV138 3-to-8 line decoder/demultiplexer; inverting Rev. 03 — 15 November 2007 Product data sheet |
Podobny numer części - 74LV138_15 |
|
Podobny opis - 74LV138_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |