Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV164 Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74LV164
Szczegółowy opis  8-bit serial-in/parallel-out shift register
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV164 Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74LV164_15 Datasheet HTML 5Page - NXP Semiconductors 74LV164_15 Datasheet HTML 6Page - NXP Semiconductors 74LV164_15 Datasheet HTML 7Page - NXP Semiconductors 74LV164_15 Datasheet HTML 8Page - NXP Semiconductors 74LV164_15 Datasheet HTML 9Page - NXP Semiconductors 74LV164_15 Datasheet HTML 10Page - NXP Semiconductors 74LV164_15 Datasheet HTML 11Page - NXP Semiconductors 74LV164_15 Datasheet HTML 12Page - NXP Semiconductors 74LV164_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9397 750 14501
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 February 2005
9 of 21
Philips Semiconductors
74LV164
8-bit serial-in/parallel-out shift register
trem
removal time MR to CP
see Figure 7
VCC = 1.2 V
-
30
-
ns
VCC = 2.0 V
19
10
-
ns
VCC = 2.7 V
14
8
-
ns
VCC = 3.0 V to 3.6 V
11
6
-
ns
VCC = 4.5 V to 5.5 V
8
5
-
ns
tsu
set-up time Dn to CP
see Figure 8
VCC = 1.2 V
-
15
-
ns
VCC = 2.0 V
22
5
-
ns
VCC = 2.7 V
16
4
-
ns
VCC = 3.0 V to 3.6 V
13
3
-
ns
VCC = 4.5 V to 5.5 V
9
2
-
ns
th
hold time Dn to CP
see Figure 8
VCC = 1.2 V
-
−10
-
ns
VCC = 2.0 V
5
−3-
ns
VCC = 2.7 V
5
−2-
ns
VCC = 3.0 V to 3.6 V
5
−2-
ns
VCC = 4.5 V to 5.5 V
5
−1-
ns
fmax
maximum clock frequency
see Figure 6
VCC = 2.0 V
14
40
-
MHz
VCC = 2.7 V
19
58
-
MHz
VCC = 3.0 V to 3.6 V
24
70
-
MHz
VCC = 4.5 V to 5.5 V
36
100
-
MHz
VCC = 3.3 V; CL = 15 pF
-
78
-
MHz
CPD
power dissipation capacitance
per gate
VCC = 3.3 V
[2] [3] -40
-
pF
Tamb = −40 °C to +125 °C
tPHL,
tPLH
propagation delay CP to Qn
see Figure 6
VCC = 1.2 V
---ns
VCC = 2.0 V
-
-
49
ns
VCC = 2.7 V
-
-
36
ns
VCC = 3.0 V to 3.6 V
-
-
29
ns
VCC = 4.5 V to 5.5 V
-
-
24
ns
tPHL
propagation delay MR to Qn
see Figure 7
VCC = 1.2 V
---ns
VCC = 2.0 V
-
-
49
ns
VCC = 2.7 V
-
-
36
ns
VCC = 3.0 V to 3.6 V
-
-
29
ns
VCC = 4.5 V to 5.5 V
-
-
24
ns
Table 8:
Dynamic characteristics …continued
GND = 0 V; tr = tf ≤ 2.5 ns; CL = 50 pF; RL = 1 kΩ; for test circuit see Figure 9.
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Podobny numer części - 74LV164_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV164-Q100 NEXPERIA-74LV164-Q100 Datasheet
768Kb / 19P
   8-bit serial-in/parallel-out shift register
logo
Texas Instruments
74LV164A TI-74LV164A Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74LV164AD TI1-74LV164AD Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
logo
Nexperia B.V. All right...
74LV164BQ NEXPERIA-74LV164BQ Datasheet
259Kb / 15P
   8-bit serial-in/parallel-out shift register
Rev. 6 - 15 September 2021
74LV164BQ-Q100 NEXPERIA-74LV164BQ-Q100 Datasheet
768Kb / 19P
   8-bit serial-in/parallel-out shift register
More results

Podobny opis - 74LV164_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com