Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV164 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74LV164
Szczegółowy opis  8-bit serial-in/parallel-out shift register
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV164 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74LV164_15 Datasheet HTML 7Page - NXP Semiconductors 74LV164_15 Datasheet HTML 8Page - NXP Semiconductors 74LV164_15 Datasheet HTML 9Page - NXP Semiconductors 74LV164_15 Datasheet HTML 10Page - NXP Semiconductors 74LV164_15 Datasheet HTML 11Page - NXP Semiconductors 74LV164_15 Datasheet HTML 12Page - NXP Semiconductors 74LV164_15 Datasheet HTML 13Page - NXP Semiconductors 74LV164_15 Datasheet HTML 14Page - NXP Semiconductors 74LV164_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
9397 750 14501
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 February 2005
11 of 21
Philips Semiconductors
74LV164
8-bit serial-in/parallel-out shift register
[2]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL × VCC2 × fo) = sum of the outputs.
[3]
The condition is VI = GND to VCC.
12. Waveforms
Measurement points are given in Table 9.
VOL and VOH are typical output voltage drop that occur with the output load.
Fig 6.
Propagation delay clock (CP) to output (Qn), clock pulse width and maximum clock
frequency
Measurement points are given in Table 9.
VOL and VOH are typical output voltage drop that occur with the output load.
Fig 7.
Pulse width master reset (MR), propagation delay master reset (MR) to output (Qn)
and removal time master reset (MR) to clock (CP)
001aac426
CP input
Qn output
tPHL
tPLH
tW
VOH
VI
GND
VOL
VM
VM
1/fmax
001aac427
MR input
CP input
Qn output
tPHL
tW
trem
VM
VI
GND
VI
VOH
VOL
GND
VM
VM


Podobny numer części - 74LV164_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV164-Q100 NEXPERIA-74LV164-Q100 Datasheet
768Kb / 19P
   8-bit serial-in/parallel-out shift register
logo
Texas Instruments
74LV164A TI-74LV164A Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74LV164AD TI1-74LV164AD Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
logo
Nexperia B.V. All right...
74LV164BQ NEXPERIA-74LV164BQ Datasheet
259Kb / 15P
   8-bit serial-in/parallel-out shift register
Rev. 6 - 15 September 2021
74LV164BQ-Q100 NEXPERIA-74LV164BQ-Q100 Datasheet
768Kb / 19P
   8-bit serial-in/parallel-out shift register
More results

Podobny opis - 74LV164_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com