Zakładka z wyszukiwarką danych komponentów |
|
74LV165 Arkusz danych(PDF) 9 Page - NXP Semiconductors |
|
74LV165 Arkusz danych(HTML) 9 Page - NXP Semiconductors |
9 / 21 page 74LV165 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2014. All rights reserved. Product data sheet Rev. 6 — 19 February 2014 9 of 21 NXP Semiconductors 74LV165 8-bit parallel-in/serial-out shift register trec recovery time PL to CP, CE; see Figure 8 VCC = 1.2 V - 40 - - - ns VCC = 2.0 V 24 15 - 30 - ns VCC = 2.7 V 18 11 - 23 - ns VCC = 3.0 V to 3.6 V [3] 17 10 - 21 - ns VCC = 4.5 V to 5.5 V [4] 12 7 - 15 - ns tsu set-up time DS to CP, CE; see Figure 10 VCC = 1.2 V - 8- - - ns VCC = 2.0 V 22 2- 26 - ns VCC = 2.7 V 16 1- 19 - ns VCC = 3.0 V to 3.6 V [3] 13 1- 15 - ns VCC = 4.5 V to 5.5 V [4] 90 - 10 - ns CE to CP, CP to CE; see Figure 10 VCC = 1.2 V - 20 - - - ns VCC = 2.0 V 22 7 - 26 - ns VCC = 2.7 V 16 5 - 19 - ns VCC = 3.0 V to 3.6 V [3] 13 4 - 15 - ns VCC = 4.5 V to 5.5 V [4] 93 - 10 - ns Dn to PL; see Figure 11 VCC = 1.2 V - 25 - - - ns VCC = 2.0 V 22 8 - 26 - ns VCC = 2.7 V 16 6 - 19 - ns VCC = 3.0 V to 3.6 V [3] 13 5 - 15 - ns VCC = 4.5 V to 5.5 V [4] 94 - 10 - ns th hold time DS to CP, CE; Dn to PL; see Figure 10 and Figure 11 VCC = 1.2 V - 20 - - - ns VCC = 2.0 V 22 7 - 26 - ns VCC = 2.7 V 16 5 - 19 - ns VCC = 3.0 V to 3.6 V [3] 13 4 - 15 - ns VCC = 4.5 V to 5.5 V [4] 93 - 10 - ns CE to CP, CP to CE; see Figure 10 VCC = 1.2 V - 30 - - - ns VCC = 2.0 V 5 8- 5 - ns VCC = 2.7 V 5 6- 5 - ns VCC = 3.0 V to 3.6 V [3] 5 5- 5 - ns VCC = 4.5 V to 5.5 V [4] 5 4- 5 - ns Table 7. Dynamic characteristics …continued GND (ground = 0 V); for test circuit, see Figure 12 Symbol Parameter Conditions 40 C to +85 C 40 C to +125 C Unit Min Typ[1] Max Min Max |
Podobny numer części - 74LV165_15 |
|
Podobny opis - 74LV165_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |