Zakładka z wyszukiwarką danych komponentów |
|
74LV165A Arkusz danych(PDF) 6 Page - NXP Semiconductors |
|
74LV165A Arkusz danych(HTML) 6 Page - NXP Semiconductors |
6 / 19 page 74LV165A All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 4 — 28 March 2014 6 of 19 NXP Semiconductors 74LV165A 8-bit parallel-in/serial-out shift register 7. Limiting values [1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] Ptot derates linearly with 8 mW/K above 70 C. [3] Ptot derates linearly with 5.5 mW/K above 60 C. 8. Recommended operating conditions Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V)[1] Symbol Parameter Conditions Min Max Unit VCC supply voltage 0.5 +7 V IIK input clamping current VI < 0 V - 20 mA VI input voltage 0.5 +7 V IOK output clamping current VO >VCC or VO < 0 - 50 mA VO output voltage 0.5 VCC + 0.5 V power-down mode 0.5 +7 V IO output current 0 V < VO < VCC - 25 mA ICC supply current - +50 mA IGND ground current 50 - mA Tstg storage temperature 65 +150 C Ptot total power dissipation Tamb = 40 C to +85 C SO16 package [2] - 500 mW TSSOP16 package [3] - 500 mW Table 5. Recommended operating conditions Voltages are referenced to GND (ground = 0 V) Symbol Parameter Conditions Min Typ Max Unit VCC supply voltage 2.0 - 5.5 V VI input voltage 0 - 5.5 V VO output voltage 0 - VCC V Tamb ambient temperature 40 - +85 C t/V input transition rise and fall rate VCC = 2.3 V to 2.7 V 0 - 200 ns/V VCC = 3.0 V to 3.6 V 0 - 100 ns/V VCC = 4.5 V to 5.5 V 0 - 20 ns/V |
Podobny numer części - 74LV165A_15 |
|
Podobny opis - 74LV165A_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |