Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV165A Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74LV165A
Szczegółowy opis  8-bit parallel-in/serial-out shift register
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV165A Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74LV165A_15 Datasheet HTML 4Page - NXP Semiconductors 74LV165A_15 Datasheet HTML 5Page - NXP Semiconductors 74LV165A_15 Datasheet HTML 6Page - NXP Semiconductors 74LV165A_15 Datasheet HTML 7Page - NXP Semiconductors 74LV165A_15 Datasheet HTML 8Page - NXP Semiconductors 74LV165A_15 Datasheet HTML 9Page - NXP Semiconductors 74LV165A_15 Datasheet HTML 10Page - NXP Semiconductors 74LV165A_15 Datasheet HTML 11Page - NXP Semiconductors 74LV165A_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
74LV165A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 28 March 2014
8 of 19
NXP Semiconductors
74LV165A
8-bit parallel-in/serial-out shift register
10. Dynamic characteristics
Table 7.
Dynamic characteristics
GND (ground = 0 V); for test circuit, see Figure 12
Symbol Parameter
Conditions
Tamb = 40 C to +85 C
Unit
Min
Typ[1]
Max
tpd
propagation
delay
CE, CP to Q7, Q7; CL = 15 pF; see Figure 7
and Figure 8
[2]
VCC = 2.3 V to 2.7 V
[3]
1.0
11.0
22.0
ns
VCC = 3.0 V to 3.6 V
[4]
1.0
7.5
18.0
ns
VCC = 4.5 V to 5.5 V
[5]
1.0
5.5
11.5
ns
PL to Q7, Q7; CL = 15 pF; see Figure 8
VCC = 2.3 V to 2.7 V
[3]
1.0
11.5
23.5
ns
VCC = 3.0 V to 3.6 V
[4]
1.0
8.0
18.5
ns
VCC = 4.5 V to 5.5 V
[5]
1.0
5.5
11.5
ns
D7 to Q7, Q7; CL = 15 pF; see Figure 9
VCC = 2.3 V to 2.7 V
[3]
1.0
12.0
24.0
ns
VCC = 3.0 V to 3.6 V
[4]
1.0
8.5
16.5
ns
VCC = 4.5 V to 5.5 V
[5]
1.0
6.0
10.5
ns
CE, CP to Q7, Q7; see Figure 7 and Figure 8
VCC = 2.3 V to 2.7 V
[3]
1.0
13.0
26.0
ns
VCC = 3.0 V to 3.6 V
[4]
1.0
9.0
21.5
ns
VCC = 4.5 V to 5.5 V
[5]
1.0
6.1
13.5
ns
PL to Q7, Q7; see Figure 8
VCC = 2.3 V to 2.7 V
[3]
1.0
14.0
28.0
ns
VCC = 3.0 V to 3.6 V
[4]
1.0
10.0
22.0
ns
VCC = 4.5 V to 5.5 V
[5]
1.0
6.5
13.5
ns
D7 to Q7, Q7; see Figure 9
VCC = 2.3 V to 2.7 V
[3]
1.0
14.0
28.0
ns
VCC = 3.0 V to 3.6 V
[4]
1.0
10.0
20
ns
VCC = 4.5 V to 5.5 V
[5]
1.0
6.5
12.5
ns
tW
pulse width
CP input HIGH to LOW; see Figure 7
VCC = 2.3 V to 2.7 V
[3]
9.0
--ns
VCC = 3.0 V to 3.6 V
[4]
7.0
--ns
VCC = 4.5 V to 5.5 V
[5]
4.0
--ns
PL input LOW; see Figure 8
VCC = 2.3 V to 2.7 V
[3]
13.0
--ns
VCC = 3.0 V to 3.6 V
[4]
9.0
--ns
VCC = 4.5 V to 5.5 V
[5]
6.0
--ns
trec
recovery time
PL to CP, CE; see Figure 8
VCC = 2.3 V to 2.7 V
[3]
8.5
--ns
VCC = 3.0 V to 3.6 V
[4]
6.0
--ns
VCC = 4.5 V to 5.5 V
[5]
4.0
--ns


Podobny numer części - 74LV165A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV165A-Q100 NEXPERIA-74LV165A-Q100 Datasheet
779Kb / 19P
   8-bit parallel-in/serial-out shift register
logo
NXP Semiconductors
74LV165AD PHILIPS-74LV165AD Datasheet
102Kb / 18P
   8-bit parallel-in/serial-out shift register
2003 Jul 23
logo
Nexperia B.V. All right...
74LV165AD NEXPERIA-74LV165AD Datasheet
810Kb / 19P
   8-bit parallel-in/serial-out shift register
Rev. 4 - 28 March 2014
74LV165AD-Q100 NEXPERIA-74LV165AD-Q100 Datasheet
779Kb / 19P
   8-bit parallel-in/serial-out shift register
logo
NXP Semiconductors
74LV165APW PHILIPS-74LV165APW Datasheet
102Kb / 18P
   8-bit parallel-in/serial-out shift register
2003 Jul 23
More results

Podobny opis - 74LV165A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com