Zakładka z wyszukiwarką danych komponentów |
|
74LV245 Arkusz danych(PDF) 5 Page - NXP Semiconductors |
|
74LV245 Arkusz danych(HTML) 5 Page - NXP Semiconductors |
5 / 15 page 74LV245_3 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 03 — 15 April 2009 5 of 15 NXP Semiconductors 74LV245 Octal bus transceiver; 3-state 9. Static characteristics [1] Typical values are measured at Tamb = 25 °C. Table 6. Static characteristics At recommended operating conditions. Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions −40 °C to +85 °C −40 °C to +125 °C Unit Min Typ[1] Max Min Max VIH HIGH-level input voltage VCC = 1.2 V 0.9 - - 0.9 - V VCC = 2.0 V 1.4 - - 1.4 - V VCC = 2.7 V to 3.6 V 2.0 - - 2.0 - V VCC = 4.5 V to 5.5 V 0.7VCC - - 0.7VCC -V VIL LOW-level input voltage VCC = 1.2 V - - 0.3 - 0.3 V VCC = 2.0 V - - 0.6 - 0.6 V VCC = 2.7 V to 3.6 V - - 0.8 - 0.8 V VCC = 4.5 V to 5.5 V - - 0.3VCC - 0.3VCC V VOH HIGH-level output voltage VI = VIH or VIL IO = −100 µA; VCC = 1.2 V - 1.2 - - - V IO = −100 µA; VCC = 2.0 V 1.8 2.0 - 1.8 - V IO = −100 µA; VCC = 2.7 V 2.5 2.7 - 2.5 - V IO = −100 µA; VCC = 3.0 V 2.8 3.0 - 2.8 - V IO = −100 µA; VCC = 4.5 V 4.3 4.5 - 4.3 - V IO = −8 mA; VCC = 3.0 V 2.4 2.82 - 2.2 - V IO = −16 mA; VCC = 4.5 V 3.6 4.2 - 3.5 - V VOL LOW-level output voltage VI = VIH or VIL IO = 100 µA; VCC = 1.2 V - 0 - - - V IO = 100 µA; VCC = 2.0 V - 0 0.2 - 0.2 V IO = 100 µA; VCC = 2.7 V - 0 0.2 - 0.2 V IO = 100 µA; VCC = 3.0 V - 0 0.2 - 0.2 V IO = 100 µA; VCC = 4.5 V - 0 0.2 - 0.2 V IO = 8 mA; VCC = 3.0 V - 0.25 0.40 - 0.50 V IO = 16 mA; VCC = 4.5 V - 0.35 0.55 - 0.65 V II input leakage current VI =VCC or GND; VCC = 5.5 V - - 1.0 - 1.0 µA IOZ OFF-state output current VI =VIH or VIL; VO =VCC or GND; VCC = 5.5 V --5 - 10 µA ICC supply current VI = VCC or GND; IO = 0 A; VCC = 5.5 V - - 20 - 160 µA ∆ICC additional supply current per input; VI = VCC − 0.6 V; VCC = 2.7 V to 3.6 V - - 500 - 850 µA CI input capacitance - 3.5 - - - pF CI/O input/output capacitance - 10 - - - pF |
Podobny numer części - 74LV245_15 |
|
Podobny opis - 74LV245_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |