Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV595 Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74LV595
Szczegółowy opis  8-bit serial-in/serial-out or parallel-out shift register; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV595 Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74LV595_15 Datasheet HTML 1Page - NXP Semiconductors 74LV595_15 Datasheet HTML 2Page - NXP Semiconductors 74LV595_15 Datasheet HTML 3Page - NXP Semiconductors 74LV595_15 Datasheet HTML 4Page - NXP Semiconductors 74LV595_15 Datasheet HTML 5Page - NXP Semiconductors 74LV595_15 Datasheet HTML 6Page - NXP Semiconductors 74LV595_15 Datasheet HTML 7Page - NXP Semiconductors 74LV595_15 Datasheet HTML 8Page - NXP Semiconductors 74LV595_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The 74LV595 is an 8 stage serial shift register with a storage register and 3-state outputs.
Both the shift and storage register have separate clocks. It is a low-voltage Si-gate CMOS
device and is pin and functionally compatible with the 74HC595 and 74HCT595.
Data is shifted on the positive-going transitions of the SHCP input. The data in the shift
register is transferred to the storage register on a positive-going transition of the STCP
input. If both clocks are connected together, the shift register will always be one clock
pulse ahead of the storage register.
The shift register has a serial input (DS) and a serial output (Q7S) for cascading the
device. It is also provided with an asynchronous reset input MR (active LOW) for all 8 shift
register stages. The storage register has 8 parallel 3-state bus driver outputs. Data in the
storage register appears at the output whenever the output enable input (OE) is LOW.
2.
Features
I Optimized for low voltage applications: 1.0 V to 3.6 V
I Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V
I Typical output ground bounce < 0.8 V at VCC = 3.3 V and Tamb = 25 °C
I Typical HIGH-level output voltage (VOH) undershoot: > 2 V at VCC = 3.3 V and
Tamb =25 °C
I Specified from −40 °Cto+85 °C and from −40 °C to +125 °C
I Has a shift register with direct clear
I Multiple package options
I Output capability:
N Parallel outputs; bus driver
N serial output; standard
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
3.
Applications
I Serial-to-parallel data conversion
I Remote control holding register
74LV595
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 03 — 21 April 2009
Product data sheet


Podobny numer części - 74LV595_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV595A TI-74LV595A Datasheet
755Kb / 22P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
logo
NXP Semiconductors
74LV595D PHILIPS-74LV595D Datasheet
137Kb / 16P
   8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
logo
Nexperia B.V. All right...
74LV595D NEXPERIA-74LV595D Datasheet
279Kb / 17P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
logo
NXP Semiconductors
74LV595DB PHILIPS-74LV595DB Datasheet
137Kb / 16P
   8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
74LV595N PHILIPS-74LV595N Datasheet
137Kb / 16P
   8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
More results

Podobny opis - 74LV595_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC595A NXP-74LVC595A Datasheet
119Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
logo
Nexperia B.V. All right...
74LVC595A NEXPERIA-74LVC595A Datasheet
299Kb / 18P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 3 - 19 November 2021
74LV595 NEXPERIA-74LV595 Datasheet
279Kb / 17P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
74LVC8T595 NEXPERIA-74LVC8T595 Datasheet
348Kb / 33P
   Dual supply 8-bit serial-in/serial-out or parallel-out shift register; 3-state
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
NXP Semiconductors
74F676 PHILIPS-74F676 Datasheet
87Kb / 10P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Apr 18
74F674 PHILIPS-74F674 Datasheet
49Kb / 5P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Feb 05 1 853
74VHC_VHCT595 PHILIPS-74VHC_VHCT595_15 Datasheet
246Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 2-4 July 2012
logo
Nexperia B.V. All right...
74VHCT595 NEXPERIA-74VHCT595 Datasheet
302Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 3 - 25 June 2020
74VHC595-Q100 NEXPERIA-74VHC595-Q100 Datasheet
786Kb / 21P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com