Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4052 Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74LV4052
Szczegółowy opis  Dual 4-channel analog multiplexer/demultiplexer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4052 Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74LV4052_15 Datasheet HTML 5Page - NXP Semiconductors 74LV4052_15 Datasheet HTML 6Page - NXP Semiconductors 74LV4052_15 Datasheet HTML 7Page - NXP Semiconductors 74LV4052_15 Datasheet HTML 8Page - NXP Semiconductors 74LV4052_15 Datasheet HTML 9Page - NXP Semiconductors 74LV4052_15 Datasheet HTML 10Page - NXP Semiconductors 74LV4052_15 Datasheet HTML 11Page - NXP Semiconductors 74LV4052_15 Datasheet HTML 12Page - NXP Semiconductors 74LV4052_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
74LV4052
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 1 July 2013
9 of 26
NXP Semiconductors
74LV4052
Dual 4-channel analog multiplexer/demultiplexer
[1]
Typical values are measured at Tamb = 25 C.
[2]
When supply voltages (VCC  VEE) near 1.2 V the analog switch ON resistance becomes extremely non-linear. When using a supply of
1.2 V, only use these devices for transmitting digital signals.
RON(rail)
ON resistance (rail)
VI = GND
VCC =1.2 V; ISW = 100 A
[2]
-
225
-
-
-
VCC =2.0 V; ISW = 1000 A
-
110
235
-
270
VCC =2.7 V; ISW = 1000 A
-
70
145
-
165
VCC = 3.0 V to 3.6 V;
ISW = 1000 A
-
60
130
-
150
VCC =4.5 V; ISW = 1000 A
-
45
100
-
115
VCC =6.0 V; ISW = 1000 A
-
40
85
-
100
RON(rail)
ON resistance (rail)
VI = VCC  VEE
VCC =1.2 V; ISW = 100 A
[2]
-
250
-
-
-
VCC =2.0 V; ISW = 1000 A
-
120
320
-
370
VCC =2.7 V; ISW = 1000 A
-
75
195
-
225
VCC = 3.0 V to 3.6 V;
ISW = 1000 A
-
70
175
-
205
VCC =4.5 V; ISW = 1000 A
-
50
130
-
150
VCC =6.0 V; ISW = 1000 A
-
45
120
-
135
Table 7.
ON resistance …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for graphs see Figure 10 and
Figure 11.
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max


Podobny numer części - 74LV4052_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV4052-Q100 NEXPERIA-74LV4052-Q100 Datasheet
859Kb / 24P
   Dual 4-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74LV4052D PHILIPS-74LV4052D Datasheet
154Kb / 16P
   Dual 4-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4052D NEXPERIA-74LV4052D Datasheet
307Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 6 - 24 September 2021
74LV4052D-Q100 NEXPERIA-74LV4052D-Q100 Datasheet
859Kb / 24P
   Dual 4-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74LV4052DB PHILIPS-74LV4052DB Datasheet
154Kb / 16P
   Dual 4-channel analog multiplexer/demultiplexer
1998 Jun 23
More results

Podobny opis - 74LV4052_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com