Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4094 Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74LV4094
Szczegółowy opis  8-stage shift-and-store bus register
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4094 Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74LV4094_15 Datasheet HTML 5Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 6Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 7Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 8Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 9Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 10Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 11Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 12Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
74LV4094
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 19 December 2011
9 of 21
NXP Semiconductors
74LV4094
8-stage shift-and-store bus register
tW
pulse width
CP HIGH or LOW; see Figure 8
VCC = 2.0 V
34
9
-
41
-
ns
VCC = 2.7 V
25
6
-
30
-
ns
VCC = 3.0 V to 3.6 V
[2]
20
5
-
24
-
ns
STR HIGH; see Figure 9
VCC = 2.0 V
34
9
-
41
-
ns
VCC = 2.7 V
25
6
-
30
-
ns
VCC = 3.0 V to 3.6 V
[2]
20
5
-
24
-
ns
tsu
set-up time
D to CP; see Figure 10
VCC = 1.2 V
-
25
-
-
-
ns
VCC = 2.0 V
22
9
-
26
-
ns
VCC = 2.7 V
16
6
-
19
-
ns
VCC = 3.0 V to 3.6 V
[2]
13
5
-
15
-
ns
CP to STR; see Figure 9
VCC = 1.2 V
-
50
-
-
-
ns
VCC = 2.0 V
43
17
-
51
-
ns
VCC = 2.7 V
31
13
-
38
-
ns
VCC = 3.0 V to 3.6 V
[2]
25
10
-
30
-
ns
th
hold time
D to CP; see Figure 10
VCC = 1.2 V
-
10
-
-
-
ns
VCC = 2.0 V
5
4-
+5
-
ns
VCC = 2.7 V
5
3-
+5
-
ns
VCC = 3.0 V to 3.6 V
[2]
5
2-
+5
-
ns
CP to STR; see Figure 9
VCC = 1.2 V
-
25
-
-
-
ns
VCC = 2.0 V
5
9-
+5
-
ns
VCC = 2.7 V
5
6-
+5
-
ns
VCC = 3.0 V to 3.6 V
[2]
5
5-
+5
-
ns
fmax
maximum
frequency
CP; see Figure 8
VCC = 2.0 V
14
52
-
12
-
MHz
VCC = 2.7 V
19
70
-
16
-
MHz
VCC = 3.0 V to 3.6 V
24
87
-
20
-
MHz
VCC = 3.3 V; CL = 15 pF
[2]
-95
-
-
-
MHz
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 12.
Symbol
Parameter
Conditions
40 C to 85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max


Podobny numer części - 74LV4094_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4094D PHILIPS-74LV4094D Datasheet
105Kb / 14P
   8-stage shift-and-store bus register
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4094D NEXPERIA-74LV4094D Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
74LV4094DB NEXPERIA-74LV4094DB Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
NXP Semiconductors
74LV4094N PHILIPS-74LV4094N Datasheet
105Kb / 14P
   8-stage shift-and-store bus register
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4094PW NEXPERIA-74LV4094PW Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
More results

Podobny opis - 74LV4094_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
   8-Stage Shift-and-Store Bus-Register
logo
Nexperia B.V. All right...
74HCT4094-Q100 NEXPERIA-74HCT4094-Q100 Datasheet
284Kb / 18P
   8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
74HCT4094 NEXPERIA-74HCT4094 Datasheet
300Kb / 19P
   8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
logo
NXP Semiconductors
74LV4094 PHILIPS-74LV4094 Datasheet
105Kb / 14P
   8-stage shift-and-store bus register
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com