Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4094 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74LV4094
Szczegółowy opis  8-stage shift-and-store bus register
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4094 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74LV4094_15 Datasheet HTML 1Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 2Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 3Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 4Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 5Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 6Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 7Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 8Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
74LV4094
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 19 December 2011
2 of 21
NXP Semiconductors
74LV4094
8-stage shift-and-store bus register
4.
Ordering information
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LV4094N
40 C to +125 C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74LV4094D
40 C to +125 C
SO16
plastic small outline package; 16 leads; body width 3.9
mm
SOT109-1
74LV4094DB
40 C to +125 C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74LV4094PW
40 C to +125 C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
Fig 1.
Functional diagram
Fig 2.
Logic symbol
15
2
OE
D
CP
STR
31
QP0
QP1
QP2
QP3
QP4
QP5
QP6
QP7
QS1
QS2
9
10
4
5
6
7
14
13
12
11
001aaf111
001aaf112
24
C1/
1D
EN3
SRG8
C2
5
6
7
14
13
12
11
9
10
3
2D
3
15
1


Podobny numer części - 74LV4094_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4094D PHILIPS-74LV4094D Datasheet
105Kb / 14P
   8-stage shift-and-store bus register
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4094D NEXPERIA-74LV4094D Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
74LV4094DB NEXPERIA-74LV4094DB Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
NXP Semiconductors
74LV4094N PHILIPS-74LV4094N Datasheet
105Kb / 14P
   8-stage shift-and-store bus register
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4094PW NEXPERIA-74LV4094PW Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
More results

Podobny opis - 74LV4094_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
   8-Stage Shift-and-Store Bus-Register
logo
Nexperia B.V. All right...
74HCT4094-Q100 NEXPERIA-74HCT4094-Q100 Datasheet
284Kb / 18P
   8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
74HCT4094 NEXPERIA-74HCT4094 Datasheet
300Kb / 19P
   8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
logo
NXP Semiconductors
74LV4094 PHILIPS-74LV4094 Datasheet
105Kb / 14P
   8-stage shift-and-store bus register
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com