Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6V49205B Arkusz danych(PDF) 7 Page - Integrated Device Technology

Numer części 6V49205B
Szczegółowy opis  Industrial temperature range operation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

6V49205B Arkusz danych(HTML) 7 Page - Integrated Device Technology

Back Button 6V49205B Datasheet HTML 3Page - Integrated Device Technology 6V49205B Datasheet HTML 4Page - Integrated Device Technology 6V49205B Datasheet HTML 5Page - Integrated Device Technology 6V49205B Datasheet HTML 6Page - Integrated Device Technology 6V49205B Datasheet HTML 7Page - Integrated Device Technology 6V49205B Datasheet HTML 8Page - Integrated Device Technology 6V49205B Datasheet HTML 9Page - Integrated Device Technology 6V49205B Datasheet HTML 10Page - Integrated Device Technology 6V49205B Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REVISION P 08/10/15
7
FREESCALE P10XX AND P20XX SYSTEM CLOCK W/SELECTABLE DDR FREQUENCY
6V49205B DATASHEET
Electrical Characteristics - DDR Clock
Electrical Characteristics - Sys_CCB
Electrical Characteristics - 125M
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
fDDR66.66
SEL100#_66 = 1, VT = OVDD/2 V
MHz
2,3,6
fDDR100
SEL100#_66 = 0, VT = OVDD/2 V
MHz
2,3,6
ppmSSoff
Spread off
ppm
1,2,5
ppmSSon
Spread on
ppm
1,2,5
Output High Voltage
VOH
VOH at the selected operating frequency
2.4
V
1
Output Low Voltage
VOL
VOL at the selected operating frequency
0.4
V
1
tSLEW00
'00' = Hi-Z
V/ns
tSLEW01
'01' Slow Slew Rate (Averaging on)
1.1
1.6
2.3
V/ns
1,3,8
tSLEW10
'10' Fast Slew Rate (Averaging on)
1.6
2.3
3.2
V/ns
1,3,8
tSLEW11
'11' Fastest Slew Rate (Averaging on)
1.8
2.7
3.7
V/ns
1,3,8
Duty Cycle
dt1
VT = OVDD/2 V
40
51.4
60
%
1,6
Jitter, Peak period jitter
tjpeak
VT = OVDD/2 V
±96
±150
ps
1,6
Phase Noise
tphasenoise
-56dBc
10
500
kHz
1,7
AC Input Swing Limits @ 3.3V
OVDD
VAC
This is the difference between VOL and
VOH at the selected operating frequency.
1.9
3.4
V
1
Spread Spectrum Modulation
Frequency
fSSMOD
Triangular Modulation
30
32.3
60
kHz
Slew Rate
VDDO = 3.3V
Hi-Z
DDR Clock Frequency
66.666
100.00
Synthesis error
0
+/-150
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
FS(1:0) = 00, VT = OVDD/2 V
MHz
2,3,6
FS(1:0) = 01, VT = OVDD/2 V
MHz
2,3,6
FS(1:0) = 10, VT = OVDD/2 V
MHz
2,3,6
FS(1:0) = 11, VT = OVDD/2 V
MHz
2,3,6
ppmSSoff
Spread off
ppm
1,2,5
ppmSSon
Spread on
ppm
1,2,5
Output High Voltage
VOH
VOH at the selected operating frequency
2.4
V
1
Output Low Voltage
VOL
VOL at the selected operating frequency
0.4
V
1
tSLEW00
'00' = Hi-Z
V/ns
tSLEW01
'01' Slow Slew Rate (Averaging on)
0.8
1.4
2.1
V/ns
1,3,8
tSLEW10
'10' Fast Slew Rate (Averaging on)
0.9
1.6
2.5
V/ns
1,3,8
tSLEW11
'11' Fastest Slew Rate (Averaging on)
1.1
1.9
3.1
V/ns
1,3,8
Duty Cycle
dt1
VT = OVDD/2 V
40
51.4
60
%
1,6
Jitter, Peak period jitter
tjpeak
VT = OVDD/2 V, SSC < 0.75%
±116
±150
ps
1
Phase Noise
tphasenoise
-56dBc
10
500
kHz
1,7
AC Input Swing Limits @ 3.3V
OVDD
VAC
This is the difference between VOL and
VOH at the selected operating frequency.
1.9
V
1
Spread Spectrum Modulation
Frequency
fSSMOD
Triangular Modulation
0
31.5
60
kHz
Hi-Z
Slew Rate
VDDO = 3.3V
83.333
Synthesis error
0
+/-150
Clock Frequency
fSys_CCB
66.666
100.00
80.00
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Clock frequency
f125M
VT = OVDD/2 V
ns
2,3,6
Synthesis error
ppm
ppm
1,2,5
Output High Voltage
VOH
VOH at the selected operating frequency
2.2
V
1
Output Low Voltage
VOL
VOL at the selected operating frequency
0.5
V
1
Rise/Fall time
VDDO = 3.3V
tRF125M3.3V
Measured between 0.6V and 2.7V
0.7
1
ns
1,3
Duty Cycle
dt1
VT = OVDD/2 V
47
52
53
%
1
Jitter, Peak period jitter
tjpeak
VT = OVDD/2 V
±150
ps
1
0
125.00


Podobny numer części - 6V49205B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
6V49205B IDT-6V49205B Datasheet
275Kb / 16P
   Freescale System Clock w/Selectable DDR Frequency
6V49205B IDT-6V49205B Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
logo
Renesas Technology Corp
6V49205B RENESAS-6V49205B Datasheet
802Kb / 18P
   Freescale P10XX and P20XX System Clock with Selectable DDR Frequency
SEPTEMBER 29, 2021
logo
Integrated Device Techn...
6V49205BNLGI IDT-6V49205BNLGI Datasheet
275Kb / 16P
   Freescale System Clock w/Selectable DDR Frequency
6V49205BNLGI IDT-6V49205BNLGI Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
More results

Podobny opis - 6V49205B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shoulder Electronics Li...
HDF43392A1S6 SHOULDER-HDF43392A1S6 Datasheet
177Kb / 9P
   Operation Temperature Range
HDF787ES6 SHOULDER-HDF787ES6 Datasheet
163Kb / 8P
   Operation Temperature Range
HDF922AS6 SHOULDER-HDF922AS6 Datasheet
160Kb / 8P
   Operation Temperature Range
HDF948AS6 SHOULDER-HDF948AS6 Datasheet
161Kb / 8P
   Operation Temperature Range
logo
Seiko Instruments Inc
S-35740C01A-K8T2U SII-S-35740C01A-K8T2U Datasheet
2Mb / 31P
   Operation temperature range
logo
Shoulder Electronics Li...
HDBF14021A21 SHOULDER-HDBF14021A21 Datasheet
179Kb / 8P
   Operation Temperature Range
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LA3SE-3D1E3-TR STANLEY-VSTW1154LA3SE-3D1E3-TR Datasheet
900Kb / 24P
   Wide operation temperature range
VSTW1154LDSE-3D4K3-TR STANLEY-VSTW1154LDSE-3D4K3-TR Datasheet
991Kb / 24P
   Wide operation temperature range.
VSTW1154LCSE-3D3B3-TR STANLEY-VSTW1154LCSE-3D3B3-TR Datasheet
954Kb / 24P
   Wide operation temperature range.
logo
IK Semicon Co., Ltd
IN16C1058 IKSEMICON-IN16C1058 Datasheet
434Kb / 66P
   Industrial Temperature Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com