Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6V49205B Arkusz danych(PDF) 10 Page - Integrated Device Technology

Numer części 6V49205B
Szczegółowy opis  Industrial temperature range operation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

6V49205B Arkusz danych(HTML) 10 Page - Integrated Device Technology

Back Button 6V49205B Datasheet HTML 6Page - Integrated Device Technology 6V49205B Datasheet HTML 7Page - Integrated Device Technology 6V49205B Datasheet HTML 8Page - Integrated Device Technology 6V49205B Datasheet HTML 9Page - Integrated Device Technology 6V49205B Datasheet HTML 10Page - Integrated Device Technology 6V49205B Datasheet HTML 11Page - Integrated Device Technology 6V49205B Datasheet HTML 12Page - Integrated Device Technology 6V49205B Datasheet HTML 13Page - Integrated Device Technology 6V49205B Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
FREESCALE P10XX AND P20XX SYSTEM CLOCK W/SELECTABLE DDR FREQUENCY
10
REVISION P 08/10/15
6V49205B DATASHEET
Byte 0 Frequency and Spread Select Register
Bit
Name
Description
Type
Default
7
SS4
RW
0
6
SS3
RW
0
5
SS2
RW
0
4
SS1
RW
0
3
SS0
RW
0
2
REF_5_EN
Output enable for REF_5
RW
1
1
REF_4_EN
Output enable for REF_4
RW
1
0
REF_3_EN
Output enable for REF_5
RW
1
Byte 1 Output Enable Register
Bit
Name
Description
Type
Default
7
REF_2_EN
Output enable for REF_2
RW
1
6
REF_1_EN
Output enable for REF_1
RW
1
5
REF_0_EN
Output enable for REF_0
RW
1
4
USB_CLK1_EN
Output enable for USB_CLK1
RW
1
3
USB_CLK2_EN
Output enable for USB_CLK2
RW
1
2
CK2.048_0_EN
Output enable for CK2.048_0
RW
1
1
CK2.048_1_EN
Output enable for CK2.048_1
RW
1
0
DDRCLK_EN
Output enable for DDRCLK
RW
1
Byte 2 Output Enable Register
Bit
Name
Description
Type
Default
7
Sys_CCB_EN
Output enable for Sys_CCB
RW
1
6
PCIe5_EN
Output enable for PCIe5
RW
1
5
PCIe4_EN
Output enable for PCIe4
RW
1
4
PCIe3_EN
Output enable for PCIe3
RW
1
3
PCIe2_EN
Output enable for PCIe2
RW
1
2
PCIe1_EN
Output enable for PCIe1
RW
1
1
PCIe0_EN
Output enable for PCIe0
RW
1
0
125M_EN
Output enable for 125M
RW
1
Byte 3 Slew Rate Control Register
Bit
Name
Description
Type
Default
7
USB1_SLEW1
RW
0
6
USB1_SLEW0
RW
1
5
USB2_SLEW1
RW
0
4
USB2_SLEW0
RW
1
3
CK2.048_SLEW1
RW
1
2
CK2.048_SLEW0
RW
1
1
Sys_CCB_SLEW1
RW
0
0
Sys_CCB_SLEW0
RW
1
Byte 4 Slew Rate Control Register
Bit
Name
Description
Type
Default
7
66M_Slew1
RW
0
6
66M_Slew0
RW
1
5
0
4
1
3FS1
RW
Latch
2FS0
RW
Latch
1
USB1_fSel
USB_CLK1 Clock Frequency Select
RW
0
0
USB2_fSel
USB_CLK2 Clock Frequency Select
RW
1
Sys_CCB and DDRCLK Spread
Selection Table
See Table 2: Sys_CCB and DDRCLK
Spread Table
DDRCLK Slew Rate Control
See Table 4: Slew Rate Selection Table
Sys_CCB Frequency Select Latch
See Table 3: Sys_CCB Frequency
Selection
12MHz
24MHz
12MHz
24MHz
Reserved
Reserved
CK2.048_0 and CK2.048_1 Slew Rate
Control
See Table 4: Slew Rate Selection Table
Sys_CCB Slew Rate Control
See Table 4: Slew Rate Selection Table
01
01
USB_CLK1 Slew Rate Control
See Table 4: Slew Rate Selection Table
USB_CLK2 Slew Rate Control
See Table 4: Slew Rate Selection Table
Output Disabled
Output Enabled
Output Disabled
Output Enabled
Output Disabled
Output Enabled
Output Disabled
Output Enabled
Output Disabled
Output Enabled
Output Disabled
Output Enabled
01
Output Disabled
Output Enabled
Output Disabled
Output Enabled
Output Disabled
Output Enabled
01
Output Disabled
Output Enabled
Output Disabled
Output Enabled
PCIE Spread Selection Table
See Table 1: PCIE Spread Table
Output Disabled
Output Enabled
Output Disabled
Output Enabled
Output Disabled
Output Enabled
01
Output Disabled
Output Enabled
Output Disabled
Output Enabled
Output Disabled
Output Enabled
Output Disabled
Output Enabled
Output Disabled
Output Enabled


Podobny numer części - 6V49205B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
6V49205B IDT-6V49205B Datasheet
275Kb / 16P
   Freescale System Clock w/Selectable DDR Frequency
6V49205B IDT-6V49205B Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
logo
Renesas Technology Corp
6V49205B RENESAS-6V49205B Datasheet
802Kb / 18P
   Freescale P10XX and P20XX System Clock with Selectable DDR Frequency
SEPTEMBER 29, 2021
logo
Integrated Device Techn...
6V49205BNLGI IDT-6V49205BNLGI Datasheet
275Kb / 16P
   Freescale System Clock w/Selectable DDR Frequency
6V49205BNLGI IDT-6V49205BNLGI Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
More results

Podobny opis - 6V49205B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shoulder Electronics Li...
HDF43392A1S6 SHOULDER-HDF43392A1S6 Datasheet
177Kb / 9P
   Operation Temperature Range
HDF787ES6 SHOULDER-HDF787ES6 Datasheet
163Kb / 8P
   Operation Temperature Range
HDF922AS6 SHOULDER-HDF922AS6 Datasheet
160Kb / 8P
   Operation Temperature Range
HDF948AS6 SHOULDER-HDF948AS6 Datasheet
161Kb / 8P
   Operation Temperature Range
logo
Seiko Instruments Inc
S-35740C01A-K8T2U SII-S-35740C01A-K8T2U Datasheet
2Mb / 31P
   Operation temperature range
logo
Shoulder Electronics Li...
HDBF14021A21 SHOULDER-HDBF14021A21 Datasheet
179Kb / 8P
   Operation Temperature Range
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LA3SE-3D1E3-TR STANLEY-VSTW1154LA3SE-3D1E3-TR Datasheet
900Kb / 24P
   Wide operation temperature range
VSTW1154LDSE-3D4K3-TR STANLEY-VSTW1154LDSE-3D4K3-TR Datasheet
991Kb / 24P
   Wide operation temperature range.
VSTW1154LCSE-3D3B3-TR STANLEY-VSTW1154LCSE-3D3B3-TR Datasheet
954Kb / 24P
   Wide operation temperature range.
logo
IK Semicon Co., Ltd
IN16C1058 IKSEMICON-IN16C1058 Datasheet
434Kb / 66P
   Industrial Temperature Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com