Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

8V34S204 Arkusz danych(PDF) 3 Page - Integrated Device Technology

Numer części 8V34S204
Szczegółowy opis  Four differential LVDS output pairs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

8V34S204 Arkusz danych(HTML) 3 Page - Integrated Device Technology

  8V34S204 Datasheet HTML 1Page - Integrated Device Technology 8V34S204 Datasheet HTML 2Page - Integrated Device Technology 8V34S204 Datasheet HTML 3Page - Integrated Device Technology 8V34S204 Datasheet HTML 4Page - Integrated Device Technology 8V34S204 Datasheet HTML 5Page - Integrated Device Technology 8V34S204 Datasheet HTML 6Page - Integrated Device Technology 8V34S204 Datasheet HTML 7Page - Integrated Device Technology 8V34S204 Datasheet HTML 8Page - Integrated Device Technology 8V34S204 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CIN
Input Capacitance
MODE, SEL, SVS
2
pF
RPULLDOWN
Pulldown Resistor
50
k
RPULLUP
Pullup Resistor
50
k
CPD
Power Dissipation
Capacitance
(per output)
QA, QB
VDD,VDDO_A, VDDO_B = 3.465V
6
pF
QA, QB
VDD,VDDO_A, VDDO_B = 2.625V
6
pF
ROUT
Output Impedance
QA, QB
VDDO_A, VDDO_B = 3.3V ± 5%
24
QA, QB
VDDO_A, VDDO_B = 2.5V ± 5%
28
8V34S204 DATA SHEET
REVISION 1 6/17/14
3
1:4 LVDS FANOUT BUFFER WITH 2-INPUT MULTIPLEXER FOR
1PPS APPLICATIONS
Function Tables
Table 2. Pin Characteristics
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Table 3A. Input Selection Function Table
Input
Outputs
SEL
Q0-Q3
QA
QB
0 (default)
CLKA
CLKA
CLKB
1
CLKB
CLKA
CLKB
Table 3B. Input Mode Function Table1
Input
Operation
MODE
CLKA, CLKB
0 (default)
Inputs accept rectangular signals
1
Inputs accept sinusoidal signals
NOTE: 1. Use a rectangular wave input for inputs with edge rate greater than 1V/ns.
Table 3C. Supply Voltage Select Function Table
Input
Operation
SVS
Supply Voltage
0 (default)
Set to logic 0 when VDD =VDDO_A =VDDO_B = 2.5V
1
Set to logic 1 when VDD =VDDO_A =VDDO_B = 3.3V


Podobny numer części - 8V34S204

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
8V34S204 RENESAS-8V34S204 Datasheet
1Mb / 23P
   1:4 LVDS Fanout Buffer with 2-Input Multiplexer for 1PPS Applications
6/17/14
More results

Podobny opis - 8V34S204

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
ICS8S89832I IDT-ICS8S89832I Datasheet
712Kb / 16P
   Four differential LVDS output pairs
ICS8543I IDT-ICS8543I Datasheet
290Kb / 17P
   Four differential LVDS output pairs
ICS859S0424I IDT-ICS859S0424I Datasheet
909Kb / 24P
   Four programmable differential LVPECL or LVDS output pairs
8V34S208 IDT-8V34S208 Datasheet
662Kb / 21P
   Eight differential LVDS output pairs
ICS854S1208I IDT-ICS854S1208I Datasheet
1Mb / 19P
   Eight differential LVDS output pairs
ICS8S89833I IDT-ICS8S89833I Datasheet
722Kb / 16P
   Four differential LVDS outputs
logo
MTRONPTI
M3028 MTRONPTI-M3028 Datasheet
214Kb / 6P
   LVPECL/LVDS Differential Output
M2075 MTRONPTI-M2075 Datasheet
201Kb / 5P
   LVPECL/LVDS Differential Output
M2058 MTRONPTI-M2058 Datasheet
323Kb / 6P
   LVPECL/LVDS Differential Output
logo
Integrated Device Techn...
ICS854S058I IDT-ICS854S058I Datasheet
450Kb / 16P
   One differential LVDS output pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com