Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

8V34S204 Arkusz danych(PDF) 1 Page - Integrated Device Technology

Numer części 8V34S204
Szczegółowy opis  Four differential LVDS output pairs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

8V34S204 Arkusz danych(HTML) 1 Page - Integrated Device Technology

  8V34S204 Datasheet HTML 1Page - Integrated Device Technology 8V34S204 Datasheet HTML 2Page - Integrated Device Technology 8V34S204 Datasheet HTML 3Page - Integrated Device Technology 8V34S204 Datasheet HTML 4Page - Integrated Device Technology 8V34S204 Datasheet HTML 5Page - Integrated Device Technology 8V34S204 Datasheet HTML 6Page - Integrated Device Technology 8V34S204 Datasheet HTML 7Page - Integrated Device Technology 8V34S204 Datasheet HTML 8Page - Integrated Device Technology 8V34S204 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DATA SHEET
1:4 LVDS Fanout Buffer with 2-Input
Multiplexer for 1PPS Applications
8V34S204
8V34S204 REVISION 1 6/17/14
1
©2014 Integrated Device Technology, Inc.
General Description
The 8V34S204 is a differential 1:4 LVDS fanout buffer with a 2:1 input
multiplexer. The device accepts DC to 250MHz clock and data
signals and is designed for 1Hz clock /1PPS, 2kHz and 8kHz signal
distribution. Controlled by the input mode selection pin, the
differential input stages accept both rectangular or sinusoidal signals.
The 8V34S204 also provides level translated LVCMOS/LVTTL
outputs which are copies of the individual differential inputs CLKA
and CLKB. The propagation delay of the device is very low, providing
an ideal solution for clock distribution circuits with tight phase
alignment requirements. The multiplexer select pin (SEL) allows to
select one out of two input signals, which is copied to the four
differential outputs.
Features
• Designed for 1PPS, 2kHz, 8kHz and 10MHz GPS clock signal
distribution
• High speed 1:4 LVDS fanout buffer
• Four differential LVDS output pairs
• 2:1 input multiplexer
• Two selectable differential inputs accept LVDS and LVPECL signals
• Accepts rectangular and sinusoidal input signals
• Two input monitoring outputs (LVCMOS)
• Max Output frequency: 250MHz
• Additive phase jitter, RMS;
12kHz to 20MHz: = 65fs at 156.25MHz (typical)
• Part-to-part skew: 200ps (maximum)
• Propagation delay (differential outputs): 350ps (typical)
• Full 2.5V and 3.3V voltage supply
• -40°C to 85°C ambient operating temperature
• Lead-free 24-lead VFQFN (RoHS 6/6) packaging
Block Diagram
Pin Assignment
24-Lead VFQFN
4mm x 4mm x 0.9mm
NL Package
Top View
Pulldown
Pullup/Pulldown
CLKA
nCLKA
Pulldown
Pullup/Pulldown
CLKB
nCLKB
Pulldown
SEL
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
0
(default)
1
QA
QB
MODE
Pulldown
SVS
Pulldown


Podobny numer części - 8V34S204

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
8V34S204 RENESAS-8V34S204 Datasheet
1Mb / 23P
   1:4 LVDS Fanout Buffer with 2-Input Multiplexer for 1PPS Applications
6/17/14
More results

Podobny opis - 8V34S204

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
ICS8S89832I IDT-ICS8S89832I Datasheet
712Kb / 16P
   Four differential LVDS output pairs
ICS8543I IDT-ICS8543I Datasheet
290Kb / 17P
   Four differential LVDS output pairs
ICS859S0424I IDT-ICS859S0424I Datasheet
909Kb / 24P
   Four programmable differential LVPECL or LVDS output pairs
8V34S208 IDT-8V34S208 Datasheet
662Kb / 21P
   Eight differential LVDS output pairs
ICS854S1208I IDT-ICS854S1208I Datasheet
1Mb / 19P
   Eight differential LVDS output pairs
ICS8S89833I IDT-ICS8S89833I Datasheet
722Kb / 16P
   Four differential LVDS outputs
logo
MTRONPTI
M3028 MTRONPTI-M3028 Datasheet
214Kb / 6P
   LVPECL/LVDS Differential Output
M2075 MTRONPTI-M2075 Datasheet
201Kb / 5P
   LVPECL/LVDS Differential Output
M2058 MTRONPTI-M2058 Datasheet
323Kb / 6P
   LVPECL/LVDS Differential Output
logo
Integrated Device Techn...
ICS854S058I IDT-ICS854S058I Datasheet
450Kb / 16P
   One differential LVDS output pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com