Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9ZXL1230 Arkusz danych(PDF) 1 Page - Integrated Device Technology

Numer części 9ZXL1230
Szczegółowy opis  Low-power push-pull outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1230 Arkusz danych(HTML) 1 Page - Integrated Device Technology

  9ZXL1230 Datasheet HTML 1Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 2Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 3Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 4Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 5Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DATASHEET
12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
9ZXL1230
IDT®
12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
1
9ZXL1230
REV B 041112
General Description
The 9ZXL1230 is a small-footprint, low power 12-output
differential buffer that meets all the performance
requirements of the Intel DB1900Z specification. It is pin
compatible to the 9ZX21200. The 9ZXL1230 is backwards
compatible to PCIe Gen2 and QPI 6.4GT/s specifications. A
fixed, internal feedback path maintains low drift for critical
QPI applications.
Recommended Application
12-output Low Power PCIe Gen3/QPI differential buffer for
Romley
Output Features
12 - 0.7V low-power HCSL-compatible output pairs
Features/Benefits
Low-power push-pull outputs; Save power and board
space - no Rp
Pin compatible to 9ZX21200; easy path to >50% power
savings
Space-saving 56-pin QFN package
Fixed feedback path for 0ps input-to-output delay
9 Selectable SMBus Addresses; Mulitple devices can
share the same SMBus Segment
4 OE# pins; Hardware control of four outputs, other
outputs free run
PLL or bypass mode; PLL can dejitter incoming clock
100MHz or 133MHz PLL mode operation; supports PCIe
and QPI applications
Selectable PLL bandwidth; minimizes jitter peaking in
downstream PLL's
Spread Spectrum Compatible; tracks spreading input
clock for low EMI
Key Specifications
Cycle-to-cycle jitter <50ps
Output-to-output skew <65 ps
Input-to-output delay variation <50ps
PCIe Gen3 phase jitter <1.0ps RMS
QPI 9.6GT/s 12UI phase jitter <0.2ps RMS
Block Diagram
Logic
DIF(11:0)
HIBW_BYPM_LOBW#
SMBDAT
SMBCLK
CKPWRGD/PD#
SMB_A0_tri
SMB_A1_tri
100M_133M#
Z-PLL
(SS Compatible)
DFB_OUT_NC
DIF_IN
DIF_IN#
OE(8,6,4,2)#


Podobny numer części - 9ZXL1230

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
9ZXL1230 RENESAS-9ZXL1230 Datasheet
422Kb / 19P
   12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
REV C 112015
9ZXL1230AKLF RENESAS-9ZXL1230AKLF Datasheet
422Kb / 19P
   12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
REV C 112015
9ZXL1230AKLFT RENESAS-9ZXL1230AKLFT Datasheet
422Kb / 19P
   12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
REV C 112015
More results

Podobny opis - 9ZXL1230

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
9ZXL0831 IDT-9ZXL0831 Datasheet
349Kb / 18P
   Low-power push-pull outputs
logo
PCA ELECTRONICS INC.
EPC3117S-X-LF PCA-EPC3117S-X-LF_15 Datasheet
26Kb / 1P
   Push-Pull Low Power Transformer
EPC3115S-X PCA-EPC3115S-X_15 Datasheet
39Kb / 1P
   Push-Pull Low Power Transformer
EPC3117S-X PCA-EPC3117S-X_07 Datasheet
26Kb / 1P
   Push-Pull Low Power Transformer
EPC3117S-X PCA-EPC3117S-X Datasheet
35Kb / 1P
   Push-Pull Low Power Transformer
EPC3115S-X PCA-EPC3115S-X Datasheet
38Kb / 1P
   Push-Pull Low Power Transformer
EPC3115S-X PCA-EPC3115S-X_07 Datasheet
39Kb / 1P
   Push-Pull Low Power Transformer
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808AD-1G4 TI1-UCC2808AD-1G4 Datasheet
505Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWN
logo
PCA ELECTRONICS INC.
EPC3126G-X PCA-EPC3126G-X_15 Datasheet
33Kb / 1P
   Surface Mount Low Power Push-Pull Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com