Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVT_LVTH16245B Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74LVT_LVTH16245B
Szczegółowy opis  3.3 V 16-bit transceiver; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT_LVTH16245B Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74LVT_LVTH16245B_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT_LVTH16245B_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT_LVTH16245B_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT_LVTH16245B_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT_LVTH16245B_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT_LVTH16245B_15 Datasheet HTML 9Page - NXP Semiconductors 74LVT_LVTH16245B_15 Datasheet HTML 10Page - NXP Semiconductors 74LVT_LVTH16245B_15 Datasheet HTML 11Page - NXP Semiconductors 74LVT_LVTH16245B_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
74LVT_LVTH16245B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 1 March 2012
8 of 19
NXP Semiconductors
74LVT16245B; 74LVTH16245B
3.3 V 16-bit transceiver; 3-state
9.
Static characteristics
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 40 C to +85 C[1]
VIK
input clamping voltage
VCC = 2.7 V; IIK = 18 mA
1.2
0.85
-
V
VOH
HIGH-level output voltage IOH = 100 A; VCC = 2.7 V to 3.6 V
VCC  0.2 VCC
-V
IOH = 8mA; VCC = 2.7 V
2.4
2.5
-
V
IOH = 32 mA; VCC = 3.0 V
2.0
2.3
-
V
VOL
LOW-level output voltage VCC = 2.7 V
IOL = 100 A
-
0.07
0.2
V
IOL = 24 mA
-
0.3
0.5
V
VCC = 3.0 V
IOL = 16 mA
-
0.25
0.4
V
IOL = 32 mA
-
0.3
0.5
V
IOL = 64 mA
-
0.4
0.55
V
II
input leakage current
control pins
VCC = 3.6 V; VI = VCC or GND
-
0.1
1
A
VCC = 0 V or 3.6 V; VI = 5.5 V
-
0.1
10
A
input/output data pins; VCC = 3.6 V
[2]
VI = 5.5 V
-
0.1
20
A
VI = VCC
-0.5
10
A
VI = 0 V
5
0.1
-
A
IOFF
power-off leakage current VCC = 0 V; VI or VO = 0V to4.5V
-
0.1
100
A
IBHL
bus hold LOW current
VCC = 3 V; VI = 0.8 V
[3] 75
135
-
A
IBHH
bus hold HIGH current
VCC = 3 V; VI = 2.0 V
-
135
75
A
IBHLO
bus hold LOW
overdrive current
nAn input; VI =0Vto3.6 V; VCC =3.6 V
500
-
-
A
IBHHO
bus hold HIGH
overdrive current
nAn input; VI =0Vto3.6 V; VCC =3.6 V
-
-
500
A
ILO
output leakage current
output in HIGH-state when VO >VCC;
VO = 5.5 V; VCC =3.0 V
-
75
125
A
IO(pu/pd)
power-up/power-down
output current
VCC  1.2 V; VO = 0.5 V to VCC; VI = GND or
VCC; nOE = don’t care
[4] -40
100
A
ICC
supply current
VCC = 3.6 V; VI = GND or VCC; IO =0A
outputs HIGH
-
0.07
0.12
mA
outputs LOW
-
4.7
6.0
mA
outputs disabled
[5] -
0.07
0.12
mA
I
CC
additional supply current
per input pin; VCC = 3.0 V to 3.6 V; one input
at VCC  0.6 V, other inputs at VCC or GND
[6] -0.1
0.2
mA
CI
input capacitance
pins nDIR and nOE, VO = 0V or 3.0V
-
3
-
pF


Podobny numer części - 74LVT_LVTH16245B_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVT_LVTH16244B PHILIPS-74LVT_LVTH16244B_15 Datasheet
258Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 11-1 March 2012
More results

Podobny opis - 74LVT_LVTH16245B_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVTN16245B NXP-74LVTN16245B_10 Datasheet
155Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
74LVTN16245B NXP-74LVTN16245B Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
logo
Nexperia B.V. All right...
74LVTN16245B NEXPERIA-74LVTN16245B Datasheet
212Kb / 13P
   3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
74LVTH16245B NEXPERIA-74LVTH16245B Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
logo
NXP Semiconductors
74LVT16245B NXP-74LVT16245B Datasheet
182Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 07-29 March 2010
logo
Nexperia B.V. All right...
74LVT16543A NEXPERIA-74LVT16543A Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com