Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VHC_VHCT126 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74VHC_VHCT126
Szczegółowy opis  Quad buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74VHC_VHCT126 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74VHC_VHCT126_15 Datasheet HTML 1Page - NXP Semiconductors 74VHC_VHCT126_15 Datasheet HTML 2Page - NXP Semiconductors 74VHC_VHCT126_15 Datasheet HTML 3Page - NXP Semiconductors 74VHC_VHCT126_15 Datasheet HTML 4Page - NXP Semiconductors 74VHC_VHCT126_15 Datasheet HTML 5Page - NXP Semiconductors 74VHC_VHCT126_15 Datasheet HTML 6Page - NXP Semiconductors 74VHC_VHCT126_15 Datasheet HTML 7Page - NXP Semiconductors 74VHC_VHCT126_15 Datasheet HTML 8Page - NXP Semiconductors 74VHC_VHCT126_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
74VHC_VHCT126_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 13 August 2009
3 of 15
NXP Semiconductors
74VHC126; 74VHCT126
Quad buffer/line driver; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
a supply pin or input.
Fig 4.
Pin configuration SO14 and TSSOP14
Fig 5.
Pin configuration DHVQFN14
74VHC126
74VHCT126
1OE
VCC
1A
4OE
1Y
4A
2OE
4Y
2A
3OE
2Y
3A
GND
3Y
001aak056
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aak076
74VHC126
74VHCT126
Transparent top view
2Y
3A
2A
3OE
2OE
4Y
1Y
4A
1A
4OE
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
GND(1)
Table 2.
Pin description
Symbol
Pin
Description
1OE
1
output enable input 1 (active HIGH)
1A
2
data input 1
1Y
3
data output 1
2OE
4
output enable input 2 (active HIGH)
2A
5
data input 2
2Y
6
data output 2
GND
7
ground (0 V)
3Y
8
data output 3
3A
9
data input 3
3OE
10
output enable input 3 (active HIGH)
4Y
11
data output 4
4A
12
data input 4
4OE
13
output enable input 4 (active HIGH)
VCC
14
supply voltage


Podobny numer części - 74VHC_VHCT126_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
More results

Podobny opis - 74VHC_VHCT126_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com