Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC139 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74LVC139
Szczegółowy opis  Dual 2-to-4 line decoder/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC139 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC139_15 Datasheet HTML 3Page - NXP Semiconductors 74LVC139_15 Datasheet HTML 4Page - NXP Semiconductors 74LVC139_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC139_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC139_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC139_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC139_15 Datasheet HTML 9Page - NXP Semiconductors 74LVC139_15 Datasheet HTML 10Page - NXP Semiconductors 74LVC139_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74LVC139
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 19 October 2011
7 of 16
NXP Semiconductors
74LVC139
Dual 2-to-4 line decoder/demultiplexer
(C
L  VCC
2
 f
o) = sum of outputs.
11. Waveforms
VM = 1.5 V at VCC  2.7 V.
VM =0.5  VCC at VCC <2.7 V.
VOL and VOH are the typical output voltage levels that
occur with the output load.
VM =1.5 V at VCC  2.7 V.
VM =0.5  VCC at VCC <2.7 V.
VOL and VOH are the typical output voltage levels that
occur with the output load.
Fig 6.
Input (nAn) to output (nYn) propagation delays
Fig 7.
Enable input (nE) to output (nYn) propagation
delays
mna782
tPHL
tPLH
VM
VM
nAn input
nYn output
GND
VI
VOH
VOL
mna783
nE input
nY
n output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL


Podobny numer części - 74LVC139_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LVC139BQ NEXPERIA-74LVC139BQ Datasheet
252Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
logo
NXP Semiconductors
74LVC139D PHILIPS-74LVC139D Datasheet
93Kb / 10P
   Dual 2-to-4 line decoder/demultiplexer
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC139D NEXPERIA-74LVC139D Datasheet
252Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
logo
NXP Semiconductors
74LVC139DB PHILIPS-74LVC139DB Datasheet
93Kb / 10P
   Dual 2-to-4 line decoder/demultiplexer
1998 Apr 28
74LVC139PW PHILIPS-74LVC139PW Datasheet
93Kb / 10P
   Dual 2-to-4 line decoder/demultiplexer
1998 Apr 28
More results

Podobny opis - 74LVC139_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
logo
Texas Instruments
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74HC139-Q100 NEXPERIA-74HC139-Q100 Datasheet
762Kb / 18P
   Dual 2-to-4 line decoder/demultiplexer
74HCT139 NEXPERIA-74HCT139 Datasheet
243Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5 - 14 January 2021
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
74LVC139 NEXPERIA-74LVC139 Datasheet
252Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
74HCT139-Q100 NEXPERIA-74HCT139-Q100 Datasheet
242Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 2 - 14 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com