Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4C213 Arkusz danych(PDF) 4 Page - Solid State Optronic

Numer części AD4C213
Szczegółowy opis  1 Form A / 1 Form B Integrated in 1 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSOUSA [Solid State Optronic]
Strona internetowa  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C213 Arkusz danych(HTML) 4 Page - Solid State Optronic

  AD4C213_15 Datasheet HTML 1Page - Solid State Optronic AD4C213_15 Datasheet HTML 2Page - Solid State Optronic AD4C213_15 Datasheet HTML 3Page - Solid State Optronic AD4C213_15 Datasheet HTML 4Page - Solid State Optronic AD4C213_15 Datasheet HTML 5Page - Solid State Optronic AD4C213_15 Datasheet HTML 6Page - Solid State Optronic AD4C213_15 Datasheet HTML 7Page - Solid State Optronic AD4C213_15 Datasheet HTML 8Page - Solid State Optronic AD4C213_15 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 2014 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 4 of 9
AD4C213 /H/S/TR
Rev 2.00 (03/05/2014)
001801
AD4C213
1 Form A / 1 Form B
400V / 25 Ω
MOSFET Output Solid State Relay
AD4C213 Performance & Characteristics Plots, Cont… TA = 25°C (unless otherwise specified)


Podobny numer części - AD4C213_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
More results

Podobny opis - AD4C213_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid State Optronic
AD4C743 SSOUSA-AD4C743 Datasheet
358Kb / 9P
   1 Form A / 1 Form B Integrated in Single Package
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
   1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
logo
Siemens Semiconductor G...
LH1501 SIEMENS-LH1501 Datasheet
69Kb / 5P
   1 Form B
LH1521 SIEMENS-LH1521 Datasheet
172Kb / 13P
   Dual 1 Form B
logo
TE Connectivity Ltd
SNR TEC-SNR_15 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
logo
List of Unclassifed Man...
HL3-1A-6SH ETC2-HL3-1A-6SH Datasheet
1Mb / 14P
   1 Form A Configuration
logo
TE Connectivity Ltd
T9A_2X TEC-T9A_2X Datasheet
592Kb / 3P
   30A switching in 1 Form B (NC)
logo
Solid State Optronic
AD4C111 SSOUSA-AD4C111 Datasheet
208Kb / 5P
   Dual 1 Form ADual 1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com