Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4C742 Arkusz danych(PDF) 1 Page - Solid State Optronic

Numer części AD4C742
Szczegółowy opis  Low Input Control Current (2.5mA TYP)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSOUSA [Solid State Optronic]
Strona internetowa  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C742 Arkusz danych(HTML) 1 Page - Solid State Optronic

  AD4C742 Datasheet HTML 1Page - Solid State Optronic AD4C742 Datasheet HTML 2Page - Solid State Optronic AD4C742 Datasheet HTML 3Page - Solid State Optronic AD4C742 Datasheet HTML 4Page - Solid State Optronic AD4C742 Datasheet HTML 5Page - Solid State Optronic AD4C742 Datasheet HTML 6Page - Solid State Optronic AD4C742 Datasheet HTML 7Page - Solid State Optronic AD4C742 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
AD4C742 H/S/TR
Rev 2.00 (11/25/2013)
001749
Page 1 of 8
AD4C742
Dual 1 Form B
60V / 1Ω
MOSFET Output Solid State Relay
Description
The AD4C742 is composed of two distinct 1 Form B
(normally closed) relays in one compact 8 pin DIP package.
Each relay consists of an AlGaAs LED optically coupled to
a Photo Diode Array, driving a pair of rugged source-to-
source depletion type DMOS transistors. The AD4C742
has an extremely low on resistance (500mΩ TYP) and high
load current capability (600mA per channel), giving the
device unparalleled performance for a normally closed
relay.
The AD4C742 comes standard in a compact 8 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Meter Reading Systems
Multiplexers
Data Acquisition
Medical Equipment
Battery Monitoring
Home / Safety Security Systems
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..800mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
AD4C742
8 pin DIP, (50/Tube)
AD4C742-H
5kVRMS Viso, 8 pin DIP, (50/Tube)
AD4C742-S
8 pin SMD, (50/Tube)
AD4C742-HS
5kVRMS, 8 pin SMD, (50/Tube)
AD4C742-STR
8 pin SMD, Tape and Reel (1000/Reel)
AD4C742-HSTR 5kVRMS, 8 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
 Low Input Control Current (2.5mA TYP)
 600mA Maximum Continuous Load Current (per Channel)
 Low On Resistance (500mΩ TYP)
 High Isolation Voltage (up to 5kVRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant
1
2
3
6
7
8
(+) Input 1
(-) Input 1
(+) Input 2
(+/-) Load 2
(-/+) Load 1
(+/-) Load 1
AD4C742
4
5
(-) Input 2
(-/+) Load 2


Podobny numer części - AD4C742

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid State Optronic
AD4C741 SSOUSA-AD4C741 Datasheet
299Kb / 8P
   Low On Resistance (170m TYP)
AD4C743 SSOUSA-AD4C743 Datasheet
358Kb / 9P
   1 Form A / 1 Form B Integrated in Single Package
More results

Podobny opis - AD4C742

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid State Optronic
AD4C543 SSOUSA-AD4C543 Datasheet
358Kb / 9P
   Low Input Control Current (2.5mA TYP)
AD4C312 SSOUSA-AD4C312 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD6C311 SSOUSA-AD6C311_15 Datasheet
339Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD6C941 SSOUSA-AD6C941 Datasheet
347Kb / 8P
   Low Input Control Current (1mA TYP)
SMA4123 SSOUSA-SMA4123 Datasheet
238Kb / 6P
   Low Input Control Current (1.5mA TYP)
AD4C113 SSOUSA-AD4C113_15 Datasheet
351Kb / 9P
   Low Input Control Current (1.5mA TYP)
AD2C211-L SSOUSA-AD2C211-L Datasheet
325Kb / 8P
   Low Input Control Current (3mA TYP)
AD6C111 SSOUSA-AD6C111_15 Datasheet
339Kb / 8P
   Low Input Control Current (1.75mA TYP)
logo
Leshan Radio Company
LR339 LRC-LR339_15 Datasheet
134Kb / 6P
   Low input biasing current: 25nA(Typ.)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com