Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VHC_VHCT595 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74VHC_VHCT595
Szczegółowy opis  8-bit serial-in/serial-out or parallel-out shift register with output latches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74VHC_VHCT595 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74VHC_VHCT595_15 Datasheet HTML 7Page - NXP Semiconductors 74VHC_VHCT595_15 Datasheet HTML 8Page - NXP Semiconductors 74VHC_VHCT595_15 Datasheet HTML 9Page - NXP Semiconductors 74VHC_VHCT595_15 Datasheet HTML 10Page - NXP Semiconductors 74VHC_VHCT595_15 Datasheet HTML 11Page - NXP Semiconductors 74VHC_VHCT595_15 Datasheet HTML 12Page - NXP Semiconductors 74VHC_VHCT595_15 Datasheet HTML 13Page - NXP Semiconductors 74VHC_VHCT595_15 Datasheet HTML 14Page - NXP Semiconductors 74VHC_VHCT595_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
74VHC_VHCT595
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 4 July 2012
11 of 22
NXP Semiconductors
74VHC595; 74VHCT595
8-bit serial-in/serial-out or parallel-out shift register with output latches
[1]
Typical values are measured at nominal supply voltage.
[2]
tpd is the same as tPHL and tPLH.
[3]
tpd is the same as tPHL only.
[4]
ten is the same as tPZL and tPZH.
[5]
tdis is the same as tPLZ and tPHZ.
[6]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi + (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
(C
L  VCC
2
 f
o) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in V.
[7]
All 9 outputs switching.
ten
enable time
OE to Qn; see Figure 12
[4]
CL = 15 pF
-
4.8
9.0
1.0
11.0
1.0
12.0
ns
CL = 50 pF
-
6.2
11.6
1.0
13.0
1.0
14.5
ns
tdis
disable time OE to Qn; see Figure 12
[5]
CL = 15 pF
-
3.6
6.9
1.0
8.0
1.0
9.0
ns
CL = 50 pF
-
5.8
10.3
1.0
11.0
1.0
12.0
ns
fmax
maximum
frequency
SHCP and STCP;
see Figure 8 and 9
130
170
-
110
-
90
-
MHz
tW
pulse width
SHCP HIGH or LOW;
see Figure 8
5.0
-
-
5.0
-
5.0
-
ns
STCP HIGH or LOW;
see Figure 9
5.0
-
-
5.0
-
5.0
-
ns
MR LOW; see Figure 11
5.0
-
-
5.0
-
5.0
-
ns
tsu
set-up time
DS to SHCP; see Figure 9
3.0
-
-
3.0
-
3.0
-
ns
SHCP to STCP;
see Figure 10
5.0
-
-
5.0
-
5.0
-
ns
th
hold time
DS to SHCP; see Figure 10
2.0
-
-
2.0
-
2.0
-
ns
trec
recovery
time
MR to SHCP; see Figure 11
3.0
-
-
3.0
-
3.0
-
ns
CPD
power
dissipation
capacitance
fi = 1 MHz; VI =GND to VCC
[6]
[7]
-190
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 13.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ[1] Max
Min
Max
Min
Max


Podobny numer części - 74VHC_VHCT595_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
More results

Podobny opis - 74VHC_VHCT595_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74VHCT595 NEXPERIA-74VHCT595 Datasheet
302Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 3 - 25 June 2020
74VHC595-Q100 NEXPERIA-74VHC595-Q100 Datasheet
786Kb / 21P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
logo
NXP Semiconductors
74VHCT595BQ NXP-74VHCT595BQ Datasheet
246Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 2-4 July 2012
logo
Nexperia B.V. All right...
74AHC595-Q100 NEXPERIA-74AHC595-Q100 Datasheet
794Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
74AHCT595 NEXPERIA-74AHCT595 Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
logo
NXP Semiconductors
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com