Zakładka z wyszukiwarką danych komponentów |
|
74VHC_VHCT541 Arkusz danych(PDF) 4 Page - NXP Semiconductors |
|
74VHC_VHCT541 Arkusz danych(HTML) 4 Page - NXP Semiconductors |
4 / 16 page 74VHC_VHCT541_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 — 12 August 2009 4 of 16 NXP Semiconductors 74VHC541; 74VHCT541 Octal buffer/line driver; 3-state 6. Functional description [1] H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state. 7. Limiting values [1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] Ptot derates linearly with 8 mW/K above 70 °C. [3] Ptot derates linearly with 5.5 mW/K above 60 °C. [4] Ptot derates linearly with 4.5 mW/K above 60 °C. Table 3. Functional table[1] Control Input Output OE0 OE1 An Yn LL L L LL H H XH X Z HX X Z Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage −0.5 +7.0 V VI input voltage −0.5 +7.0 V IIK input clamping current VI < −0.5 V [1] −20 - mA IOK output clamping current VO < −0.5 V or VO >VCC + 0.5 V [1] - ±20 mA IO output current VO = −0.5 V to (VCC + 0.5 V) - ±25 mA ICC supply current - 75 mA IGND ground current −75 - mA Tstg storage temperature −65 +150 °C Ptot total power dissipation Tamb = −40 °C to +125 °C SO20 package [2] - 500 mW TSSOP20 package [3] - 500 mW DHVQFN20 package [4] - 500 mW |
Podobny numer części - 74VHC_VHCT541_15 |
|
Podobny opis - 74VHC_VHCT541_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |