Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VHC_VHCT541 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74VHC_VHCT541
Szczegółowy opis  Octal buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74VHC_VHCT541 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74VHC_VHCT541_15 Datasheet HTML 3Page - NXP Semiconductors 74VHC_VHCT541_15 Datasheet HTML 4Page - NXP Semiconductors 74VHC_VHCT541_15 Datasheet HTML 5Page - NXP Semiconductors 74VHC_VHCT541_15 Datasheet HTML 6Page - NXP Semiconductors 74VHC_VHCT541_15 Datasheet HTML 7Page - NXP Semiconductors 74VHC_VHCT541_15 Datasheet HTML 8Page - NXP Semiconductors 74VHC_VHCT541_15 Datasheet HTML 9Page - NXP Semiconductors 74VHC_VHCT541_15 Datasheet HTML 10Page - NXP Semiconductors 74VHC_VHCT541_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74VHC_VHCT541_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 12 August 2009
7 of 16
NXP Semiconductors
74VHC541; 74VHCT541
Octal buffer/line driver; 3-state
10. Dynamic characteristics
Table 7.
Dynamic characteristics
GND = 0 V. For test circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max
For type 74VHC541
tpd
propagation
delay
An to Yn; see Figure 5
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.0
7.0
1.0
8.5
1.0
9.0
ns
CL = 50 pF
-
7.0
10.5
1.0
12.0
1.0
13.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.5
5.0
1.0
6.0
1.0
6.5
ns
CL = 50 pF
5.0
7.0
1.0
8.0
1.0
9.0
ns
ten
enable time
OEn to Yn; see Figure 6
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.5
10.5
1.0
11.0
1.0
13.5
ns
CL = 50 pF
-
7.5
14.0
1.0
16.0
1.0
17.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.5
7.2
1.0
8.5
1.0
9.0
ns
CL = 50 pF
-
5.0
9.2
1.0
10.5
1.0
11.5
ns
tdis
disable time
OEn to Yn; see Figure 6
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
6.0
11.0
1.0
12.0
1.0
14.0
ns
CL = 50 pF
-
9.5
15.4
1.0
17.5
1.0
19.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.5
7.5
1.0
8.0
1.0
9.5
ns
CL = 50 pF
-
6.5
8.8
1.0
10.0
1.0
11.0
ns
CPD
power
dissipation
capacitance
CL = 50 pF; fi = 1 MHz;
VI = GND to VCC
[3]
-10
-
-
-
-
-
pF


Podobny numer części - 74VHC_VHCT541_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74VHC_VHCT595 PHILIPS-74VHC_VHCT595_15 Datasheet
246Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 2-4 July 2012
More results

Podobny opis - 74VHC_VHCT541_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com