Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GMA12IG75 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części GMA12IG75
Szczegółowy opis  1.2inch 5x7 Dot Matrix
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

GMA12IG75 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  GMA12IG75 Datasheet HTML 1Page - List of Unclassifed Manufacturers GMA12IG75 Datasheet HTML 2Page - List of Unclassifed Manufacturers GMA12IG75 Datasheet HTML 3Page - List of Unclassifed Manufacturers GMA12IG75 Datasheet HTML 4Page - List of Unclassifed Manufacturers GMA12IG75 Datasheet HTML 5Page - List of Unclassifed Manufacturers GMA12IG75 Datasheet HTML 6Page - List of Unclassifed Manufacturers GMA12IG75 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GMZ12XX75_series
1.2” 5x7 Dot Matrix
Product: GMZ12XX75 series
Date: 07/13/2011
Page 2 of 7
Version# 1.1
Electrical / Optical Characteristic (T=25 oC)
Product
Material
Color
IF(mA)
VF(V)
λ(nm)
IV(mcd)
CC
CA
Typ.
λD
λP
Typ.
GMC12IB75
GMA12IB75
InGaN
Blue
20
3.0
460
470
160
GMC12IG75 GMA12IG75
InGaN
Green
20
3.0
460
470
200
GMC12R75
GMA12R75
AllnGaP
Red
20
2.0
624
632
60
GMC12Y75
GMA12Y75
AllnGaP
Yellow
20
2.0
589
591
35
GMC12AG75 GMA12AG75
AllnGaP
Yellow Green
20
2.0
573
575
25
Absolute Maximum Rating
Material
Pd (mW)
IF (mA) IFP (mA)* VR (V)
TOP (
oC)
TST (
oC) T
SOL (
oC)**
InGaN ( IB/IG )
120
30
100
5
-40 - 85
-40 - 100
260
AlInGaP ( R/Y/AG )
70
30
90
5
-40 - 85
-40 - 100
260
*Duty 1/10 @ 1KHz
** IR Reflow for no more than 5 sec @ 260
oC


Podobny numer części - GMA12IG75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GMA12IG75 ETC2-GMA12IG75 Datasheet
285Kb / 7P
    5x7 Dot Matrix
More results

Podobny opis - GMA12IG75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
China Semiconductor Cor...
CSM-57131G CHINASEMI-CSM-57131G Datasheet
224Kb / 6P
   1.2Inch Dot-Matrix Display
CSM-57131T9 CHINASEMI-CSM-57131T9 Datasheet
226Kb / 6P
   1.2Inch Dot-Matrix Display
CSM-57131A9 CHINASEMI-CSM-57131A9 Datasheet
226Kb / 6P
   1.2Inch Dot-Matrix Display
CSM-57131E CHINASEMI-CSM-57131E Datasheet
225Kb / 6P
   1.2Inch Dot-Matrix Display
CSM-57131S CHINASEMI-CSM-57131S Datasheet
224Kb / 6P
   1.2Inch Dot-Matrix Display
CSM-57131M9 CHINASEMI-CSM-57131M9 Datasheet
224Kb / 6P
   1.2Inch Dot-Matrix Display
logo
List of Unclassifed Man...
GMC12IB75 ETC2-GMC12IB75 Datasheet
285Kb / 7P
    5x7 Dot Matrix
GMC07IB75 ETC2-GMC07IB75 Datasheet
283Kb / 7P
    5x7 Dot Matrix
logo
LIGITEK electronics co....
LMD5711-2CSR-XX LIGITEK-LMD5711-2CSR-XX Datasheet
138Kb / 8P
   DOT MATRIX LED DISPLAY(1.2Inch)
LMD5711-2CSR-XX-PF LIGITEK-LMD5711-2CSR-XX-PF Datasheet
150Kb / 9P
   DOT MATRIX LED DISPLAY(1.2Inch)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com