Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB11N03BV8 Arkusz danych(PDF) 5 Page - Cystech Electonics Corp.

Numer części MTB11N03BV8
Szczegółowy opis  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB11N03BV8 Arkusz danych(HTML) 5 Page - Cystech Electonics Corp.

  MTB11N03BV8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB11N03BV8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB11N03BV8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB11N03BV8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB11N03BV8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB11N03BV8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB11N03BV8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB11N03BV8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB11N03BV8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : CA00V8
Issued Date : 2015.05.25
Revised Date :
Page No. : 5/9
MTB11N03BV8
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
10
100
1000
10000
0.1
1
10
100
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
f=1MHz
Threshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250
μA
ID=1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
ID, Drain Current(A)
VDS=5V
Pulsed
Ta=25°C
Gate Charge Characteristics
0
2
4
6
8
10
04
8
12
16
2
Qg, Total Gate Charge(nC)
0
VDS=15V
ID=19A
Maximum Safe Operating Area
0.01
0.1
1
10
100
0.1
1
10
100
VDS, Drain-Source Voltage(V)
DC
10ms
100ms
1ms
100
μs
Limited by
RDS(ON)
TC=25°C, Tj=150°C
VGS=10V,RθJA=36°C/W
Single Pulse
1s
Maximum Drain Current vs Junction Temperature
0
2
4
6
8
10
12
14
16
18
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
TA=25°C, VGS=10V, RθJA=36°C/W


Podobny numer części - MTB11N03BV8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTB11N03BQ8 DOINGTER-MTB11N03BQ8 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Podobny opis - MTB11N03BV8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com