Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM140JAN-SP Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części LM140JAN-SP
Szczegółowy opis  LM140JAN Three Terminal Positive Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM140JAN-SP Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM140JAN-SP Datasheet HTML 3Page - Texas Instruments LM140JAN-SP Datasheet HTML 4Page - Texas Instruments LM140JAN-SP Datasheet HTML 5Page - Texas Instruments LM140JAN-SP Datasheet HTML 6Page - Texas Instruments LM140JAN-SP Datasheet HTML 7Page - Texas Instruments LM140JAN-SP Datasheet HTML 8Page - Texas Instruments LM140JAN-SP Datasheet HTML 9Page - Texas Instruments LM140JAN-SP Datasheet HTML 10Page - Texas Instruments LM140JAN-SP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LM140JAN
www.ti.com
SNVS399A – FEBRUARY 2006 – REVISED MARCH 2013
LM140K-5.0 (JL140-5BYA, SYA) JAN Electrical Characteristics DC Parameters
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VO (1)
Output Voltage
VI = 8V, IL = -5mA
4.75
5.25
V
1, 2, 3
VI = 8V, IL = -1A
4.75
5.25
V
1, 2, 3
VI = 20V, IL = -5mA
4.75
5.25
V
1, 2, 3
VI = 20V, IL = -1A
4.75
5.25
V
1, 2, 3
VI = 35V, IL = -5mA
4.75
5.25
V
1, 2, 3
VI = 35V, IL = -0.1A
4.75
5.25
V
1, 2, 3
VRLine
Line Regulation
8V
≤ VI ≤ 35V, IL = -0.1A
-150
150
mV
1, 2, 3
8V
≤ VI ≤ 25V, IL = -0.5A
-50
50
mV
1, 2, 3
VRLoad
Load Regulation
VI = 10V, -1A ≤ IL ≤ -5mA
-100
100
mV
1, 2, 3
VI = 35V, -0.1A ≤ IL ≤ -5mA
-150
150
mV
1, 2, 3
ISCD
Stand by Current Drain
VI = 10V, IL = -5mA
-7.0
-0.5
mA
1, 2, 3
VI = 35V, IL = -5mA
-8.0
-0.5
mA
1, 2, 3
ΔISCD Line
Stand by IDrain vs. VLine
8V
≤ VI ≤ 35V, IL = -5mA
-1.0
1.0
mA
1, 2, 3
ΔISCD Load
Stand by IDrain vs. ILoad
VI = 10V, -1A ≤ IL ≤ -5mA
-0.5
0.5
mA
1, 2, 3
IOL
Overload Current
VI = 8V, Forced ΔVO = -0.48V
-4.0
-1.0
A
1, 2, 3
IOS
Output Short Circuit Current
VI = 10V
-4.0
-0.02
A
1, 2, 3
VI = 25V
-3.0
-0.02
A
1, 2, 3
VI = 35V
-2.0
-0.02
A
1, 2, 3
VO (2)
Output Voltage
VI = 10V, IL = -5mA
(1)
4.7
5.3
V
2
VO (3)
Output Voltage
VI = 10V, IL = -5mA
(2)
4.75
5.25
V
7, 8A, 8B
ΔVO / ΔT
Average Temperature Coefficient
VI = 10V, IL = -5mA,
(3)
-2.0
2.0
mV/°C
8A
Output Voltage
25°C
≤ TA ≤ 125°C
VI = 10V, IL = -5mA,
(3)
-2.0
2.0
mV/°C
8B
-55°C
≤ TA ≤ 25°C
(1)
Tested at TA = +125°C, correlated to TA = +150°C.
(2)
Tested at extremes as a set up for
ΔVO/ΔT tests.
(3)
Calculated parameter. For calculations use VO @ VI = 10V, IL = −5mA.; Tested at extremes as a set up for ΔVO/ΔT tests.
LM140K-5.0 (JL140-5BYA, SYA) JAN Electrical Characteristics AC Parameters
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
NO
Output Noise Voltage
VI = 10V, IL = -0.1A
125
µVRMS
7
ΔVO /Δ VI
Transient Line Response
VI = 10V, VPulse = 3V,
30
mV/V
7
IL = -5mA
ΔVO /Δ IL
Transient Load Response
VI = 10V, ΔIL = -400mA,
2.5
mV/mA
7
IL = -100mA
ΔVI /Δ VO
Ripple Rejection
VI = 10V, IL = -350mA,
60
dB
4
eI = 1VRMS at ƒ = 2400Hz
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM140JAN


Podobny numer części - LM140JAN-SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM140JAN NSC-LM140JAN Datasheet
535Kb / 12P
   Three Terminal Positive Regulators
More results

Podobny opis - LM140JAN-SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM140JAN NSC-LM140JAN Datasheet
535Kb / 12P
   Three Terminal Positive Regulators
logo
Toshiba Semiconductor
TA78L005AP TOSHIBA-TA78L005AP_06 Datasheet
674Kb / 22P
   Three-Terminal Positive Regulators
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com