Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLR8256PBF Arkusz danych(PDF) 9 Page - International Rectifier

Numer części IRLR8256PBF
Szczegółowy opis  Simple Drive Requirements
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLR8256PBF Arkusz danych(HTML) 9 Page - International Rectifier

Back Button IRLR8256PBF_15 Datasheet HTML 3Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 4Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 5Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 6Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 7Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 8Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 9Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 10Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRLR/U8256PbF
www.irf.com
9
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
78
LINE A
LOGO
INT ERNATIONAL
RECTIFIER
OR
PRODUCT (OPTIONAL)
P = DESIGNATES LEAD-FREE
A = ASSEMBLY SITE CODE
IRFU120
PART NUMBER
WEEK 19
DAT E CODE
YEAR 1 = 2001
RECTIFIER
INTERNATIONAL
LOGO
ASSEMBLY
LOT CODE
IRFU120
56
DATE CODE
PART NUMBER
LOT CODE
ASSEMBLY
56
78
YEAR 1 = 2001
WEEK 19
119A
indicates Lead-Free"
ASSEMBLED ON WW 19, 2001
IN THE ASS EMBLY LINE "A"
Note: "P" in assembly line position
EXAMPLE:
WITH ASS EMBLY
THIS IS AN IRFU120
LOT CODE 5678
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/


Podobny numer części - IRLR8256PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLR8256PBF IRF-IRLR8256PBF Datasheet
358Kb / 11P
   HEXFET Power MOSFET
More results

Podobny opis - IRLR8256PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com