Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLR8721PBF-1 Arkusz danych(PDF) 4 Page - International Rectifier

Numer części IRLR8721PBF-1
Szczegółowy opis  Compatible with Existing Surface Mount Techniques
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLR8721PBF-1 Arkusz danych(HTML) 4 Page - International Rectifier

  IRLR8721PBF-1_15 Datasheet HTML 1Page - International Rectifier IRLR8721PBF-1_15 Datasheet HTML 2Page - International Rectifier IRLR8721PBF-1_15 Datasheet HTML 3Page - International Rectifier IRLR8721PBF-1_15 Datasheet HTML 4Page - International Rectifier IRLR8721PBF-1_15 Datasheet HTML 5Page - International Rectifier IRLR8721PBF-1_15 Datasheet HTML 6Page - International Rectifier IRLR8721PBF-1_15 Datasheet HTML 7Page - International Rectifier IRLR8721PBF-1_15 Datasheet HTML 8Page - International Rectifier IRLR8721PBF-1_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IRLR8721PbF-1
4
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
July 30, 2014
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
024
68
10
QG, Total Gate Charge (nC)
0.0
1.0
2.0
3.0
4.0
5.0
VDS= 24V
VDS= 15V
VDS= 6.0V
ID= 20A
0.0
0.5
1.0
1.5
2.0
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
0
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 175°C
Single Pulse
100μsec
1msec
10msec


Podobny numer części - IRLR8721PBF-1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLR8721PBF IRF-IRLR8721PBF Datasheet
364Kb / 11P
   HEXFET Power MOSFET
IRLR8721PBF IRF-IRLR8721PBF Datasheet
298Kb / 12P
   Ultra-Low Gate Impedance
IRLR8721PBF IRF-IRLR8721PBF_15 Datasheet
298Kb / 12P
   Ultra-Low Gate Impedance
More results

Podobny opis - IRLR8721PBF-1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com