Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLS3034-7PPBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRLS3034-7PPBF
Szczegółowy opis  Uninterruptible Power Supply
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLS3034-7PPBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRLS3034-7PPBF Datasheet HTML 1Page - International Rectifier IRLS3034-7PPBF Datasheet HTML 2Page - International Rectifier IRLS3034-7PPBF Datasheet HTML 3Page - International Rectifier IRLS3034-7PPBF Datasheet HTML 4Page - International Rectifier IRLS3034-7PPBF Datasheet HTML 5Page - International Rectifier IRLS3034-7PPBF Datasheet HTML 6Page - International Rectifier IRLS3034-7PPBF Datasheet HTML 7Page - International Rectifier IRLS3034-7PPBF Datasheet HTML 8Page - International Rectifier IRLS3034-7PPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRLS3034-7PPbF
2
www.irf.com
Notes:
 Calculated continuous current based on maximum allowable junction
temperature. Bond wire current limit is 240A. Note that current
limitations arising from heating of the device leads may occur with
some lead mounting arrangements.
(Refer to AN-1140)
‚ Repetitive rating; pulse width limited by max. junction
temperature.
ƒ Limited by TJmax, starting TJ = 25°C, L = 0.010mH
RG = 25Ω, IAS = 220A, VGS =10V. Part not recommended for use
above this value .
S
D
G
„ ISD ≤ 220A, di/dt ≤ 1240A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
… Pulse width ≤ 400µs; duty cycle ≤ 2%.
† Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
‡ Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
ˆ When mounted on 1" square PCB (FR-4 or G-10 Material). For recom
mended footprint and soldering techniques refer to application note #AN-994.
‰ Rθ is measured at TJ approximately 90°C.
Š RθJC value shown is at time zero.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.035 –––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.0
1.4
m
1.2
1.7
VGS(th)
Gate Threshold Voltage
1.0
–––
2.5
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
1.9
–––
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
370
–––
–––
S
Qg
Total Gate Charge
–––
120
180
nC
Qgs
Gate-to-Source Charge
–––
32
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
71
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
49
–––
td(on)
Turn-On Delay Time
–––
71
–––
ns
tr
Rise Time
–––
590
–––
td(off)
Turn-Off Delay Time
–––
94
–––
tf
Fall Time
–––
200
–––
Ciss
Input Capacitance
––– 10990 –––
pF
Coss
Output Capacitance
–––
2030
–––
Crss
Reverse Transfer Capacitance
–––
1100
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related) ––– 2520 –––
Coss eff. (TR) Effective Output Capacitance (Time Related)h ––– 3060 –––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
––– 380c
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
1540
A
(Body Diode)
d
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
46
–––
ns
TJ = 25°C
VR = 34V,
–––
49
–––
TJ = 125°C
IF = 220A
Qrr
Reverse Recovery Charge
–––
100
–––
nC TJ = 25°C
di/dt = 100A/µs
g
–––
110
–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
3.7
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
ID = 220A
RG = 2.7
VGS = 4.5V
g
VDD = 26V
ID = 170A, VDS =0V, VGS = 4.5V
TJ = 25°C, IS = 200A, VGS = 0V
g
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 5mA
d
VGS = 10V, ID = 200A
g
VDS = VGS, ID = 250µA
VDS = 40V, VGS = 0V
VDS = 40V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
VDS =20V
Conditions
VGS = 4.5V g
VGS = 0V
VDS = 40V
ƒ = 1.0MHz, See Fig. 5
VGS = 0V, VDS = 0V to 32V
i, See Fig. 11
VGS = 0V, VDS = 0V to 32V
h
VGS = 4.5V, ID = 180A
g
Conditions
VDS = 10V, ID = 220A
ID = 170A
VGS = 20V
VGS = -20V


Podobny numer części - IRLS3034-7PPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLS3034-7PPBF IRF-IRLS3034-7PPBF Datasheet
331Kb / 9P
   HEXFET Power MOSFET
More results

Podobny opis - IRLS3034-7PPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ultralife Corporation.
EL8000-UPS ULTRALIFE-EL8000-UPS Datasheet
3Mb / 2P
   Uninterruptible Power Supply
Rev 3
logo
Fairchild Semiconductor
FDD8N50NZ FAIRCHILD-FDD8N50NZ Datasheet
612Kb / 8P
   Uninterruptible Power Supply
logo
IXYS Corporation
IXA37IF1200HJ IXYS-IXA37IF1200HJ Datasheet
150Kb / 6P
   Uninterruptible power supply
logo
Fairchild Semiconductor
FDD10N20LZ FAIRCHILD-FDD10N20LZ Datasheet
615Kb / 8P
   Uninterruptible Power Supply
logo
PHOENIX CONTACT
107563 PHOENIX-107563 Datasheet
925Kb / 34P
   Uninterruptible power supply
2018-05-02
logo
Murata Power Solutions ...
SP1650 MURATA-PS-SP1650 Datasheet
84Kb / 1P
   CATV Uninterruptible Power Supply
logo
PHOENIX CONTACT
2905909 PHOENIX-2905909 Datasheet
115Kb / 9P
   Uninterruptible power supply -TRIOUPS-
09/12/2020
2905908 PHOENIX-2905908 Datasheet
116Kb / 9P
   Uninterruptible power supply -TRIOUPS-
09/12/2020
logo
Omron Electronics LLC
BY75SW OMRON-BY75SW Datasheet
2Mb / 70P
   Uninterruptible Power Supply (UPS)
logo
Murata Power Solutions ...
SP1490 MURATA-PS-SP1490 Datasheet
67Kb / 1P
   Telephony / CATV Uninterruptible Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com