Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLS3034PBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRLS3034PBF
Szczegółowy opis  High Efficiency Synchronous Rectification in SMPS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLS3034PBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRLS3034PBF_15 Datasheet HTML 1Page - International Rectifier IRLS3034PBF_15 Datasheet HTML 2Page - International Rectifier IRLS3034PBF_15 Datasheet HTML 3Page - International Rectifier IRLS3034PBF_15 Datasheet HTML 4Page - International Rectifier IRLS3034PBF_15 Datasheet HTML 5Page - International Rectifier IRLS3034PBF_15 Datasheet HTML 6Page - International Rectifier IRLS3034PBF_15 Datasheet HTML 7Page - International Rectifier IRLS3034PBF_15 Datasheet HTML 8Page - International Rectifier IRLS3034PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLS/SL3034PbF
2
www.irf.com
… Pulse width ≤ 400µs; duty cycle ≤ 2%.
† Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
‡ Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
ˆ When mounted on 1" square PCB (FR-4 or G-10 Material).
For recommended footprint and soldering techniques refer
to applocation note # AN-994.
‰ Rθ is measured at TJ approximately 90°C
Š RθJC value shown is at time zero
Notes:
 Calcuted continuous current based on maximum allowable junction
temperature Bond wire current limit is 195A. Note that current
limitation arising from heating of the device leds may occur with
some lead mounting arrangements.
‚ Repetitive rating; pulse width limited by max. junction
temperature.
ƒ Limited by TJmax, starting TJ = 25°C, L = 0.013mH
RG = 25Ω, IAS = 195A, VGS =10V. Part not recommended for use
above this value .
„ ISD ≤ 195A, di/dt ≤ 841A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.04
––– V/°C
–––
1.4
1.7
–––
1.6
2.0
VGS(th)
Gate Threshold Voltage
1.0
–––
2.5
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
RG(int)
Internal Gate Resistance
–––
2.1
–––
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
286
–––
–––
S
Qg
Total Gate Charge
–––
108
162
Qgs
Gate-to-Source Charge
–––
29
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
54
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
54
–––
td(on)
Turn-On Delay Time
–––
65
–––
tr
Rise Time
–––
827
–––
td(off)
Turn-Off Delay Time
–––
97
–––
tf
Fall Time
–––
355
–––
Ciss
Input Capacitance
––– 10315 –––
Coss
Output Capacitance
–––
1980
–––
Crss
Reverse Transfer Capacitance
–––
935
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related)iÖ–– 2378 –––
Coss eff. (TR) Effective Output Capacitance (Time Related) h
–––
2986
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
(Body Diode)
ISM
Pulsed Source Current
–––
–––
(Body Diode)
Ãd
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
39
–––
TJ = 25°C
VR = 34V,
–––
41
–––
TJ = 125°C
IF = 195A
Qrr
Reverse Recovery Charge
–––
39
–––
TJ = 25°C
di/dt = 100A/µs
g
–––
46
–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
1.7
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VGS = -20V
showing the
VDS = 20V
Conditions
VGS = 4.5V g
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 32V i
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 5mAd
VGS = 10V, ID = 195A g
VDS = VGS, ID = 250µA
VDS = 40V, VGS = 0V
VDS = 40V, VGS = 0V, TJ = 125°C
ns
VGS = 0V, VDS = 0V to 32V h
MOSFET symbol
TJ = 25°C, IS = 195A, VGS = 0V g
integral reverse
p-n junction diode.
VGS = 20V
nC
µA
nA
nC
ns
RDS(on)
Static Drain-to-Source On-Resistance
pF
A
343™
1372
VGS = 4.5V, ID = 172A g
m
ID = 195A
RG = 2.1Ω
VGS = 4.5V g
VDD = 26V
ID = 185A, VDS =0V, VGS = 4.5V
Conditions
VDS = 10V, ID = 195A
ID = 185A


Podobny numer części - IRLS3034PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLS3034PBF IRF-IRLS3034PBF Datasheet
377Kb / 10P
   HEXFET Power MOSFET
More results

Podobny opis - IRLS3034PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com