Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML1000605D Arkusz danych(PDF) 1 Page - International Rectifier

Numer części ML1000605D
Szczegółowy opis  100V Input, Dual Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

ML1000605D Arkusz danych(HTML) 1 Page - International Rectifier

  ML1000605D_15 Datasheet HTML 1Page - International Rectifier ML1000605D_15 Datasheet HTML 2Page - International Rectifier ML1000605D_15 Datasheet HTML 3Page - International Rectifier ML1000605D_15 Datasheet HTML 4Page - International Rectifier ML1000605D_15 Datasheet HTML 5Page - International Rectifier ML1000605D_15 Datasheet HTML 6Page - International Rectifier ML1000605D_15 Datasheet HTML 7Page - International Rectifier ML1000605D_15 Datasheet HTML 8Page - International Rectifier ML1000605D_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
04/22/13
www.irf.com
1
HIGH RELIABILITY
RADIATION HARDENED
LOW POWER
DC-DC CONVERTER
ML1000605D
Description
n Total Dose > 100 krad(Si)
n SEE > 82 MeV.cm2/mg
n Low Weight < 50 grams
n 97V to 103V DC Input Range
n O/P 1: +6.0V (up to 500mA)
n O/P 2: -5.0V (up to 100mA)
n Output Ripple: < 1mVrms (100Hz - 50MHz)
n CS Rejection Input to Outputs: > 90dB
(50Hz - 1.0MHz)
n 10MΩ @ 100VDC Isolation
n Input Under-Voltage Protection
n Meets Conducted Emission Requirements of
Major Power Buses:
100Hz - 100kHz: 80dBuArms
100kHz - 10MHz: -20dB/decade
10MHz - 50MHz:
40dBuArms
n Short Circuit and Overload Protection
n Meets Derating Requirements of EEE-INST
002 and ECSS-Q-30-11A
n Isolated On/Off Control via High Level Pulse
Command (Latching Relay)
n Status Telemetry (Relay Contact Type)
n Workmanship Per IPC-A610 Class 3
n Board is Coated with ARATHANE-5750
Features
100V Input, Dual Output
Applications
The ML-Series of isolated DC-DC converters for space
applications are low power radiation hardened high
reliability devices designed for hostile radiation
environments such as those encountered by geostationary
earth orbit satellites, deep space probes and communication
systems. Features include small size, high efficiency,
low weight, and a good tolerance to total ionizing dose,
single event effects, and environmental stresses such
as temperature extremes, mechanical shock, and
vibration. All components are fully derated to meet the
requirements of EEE-INST-002 (NASA) and ECSS-Q-
30-11A (ESA). Extensive documentation including worst
case analysis, radiation susceptibility, thermal analysis,
stress analysis, and reliability analysis are available.
The ML-Series converter has two outputs – one positive
and one negative - each is independently regulated via
linear post regulators. The outputs are sequenced
during turn-on and turn-off such that negative output
comes up first at turn-on and stays up at turn-off until the
positive output has decreased. The ML-series converters
incorporate a fixed frequency flyback power converter
and internal EMI filter that meets the requirements for
most major satellite power buses. The converter includes
isolated On/Off telecommand with associated status
telemetry. The converter also includes input under
voltage shut-down functionality.
Due to the linear post regulation of the outputs, the ML-
Series is well suited for use in RF-applications where
low noise, high output voltage accuracy, and high CS
attenuation is required.
Each converter is provided as a complete board
assembly for installation into the host equipment chassis.
The board is conformal coated (except for mating
surfaces) and is mounted in the host chassis using
screws. The board outline is L x W x H: 70mm x 50mm x
18mm. The weight is less than 50 grams.
n Low Power RF Systems (like LNA) on-board
Satellites
Non-flight versions of the ML-Series converters
are available for system development purposes.
Variations in electrical specifications and
screening to meet custom requirements can be
accommodated.
PD-97806


Podobny numer części - ML1000605D_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ML1000605DEBB IRF-ML1000605DEBB Datasheet
875Kb / 17P
   HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
ML1000605DEQM IRF-ML1000605DEQM Datasheet
875Kb / 17P
   HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
More results

Podobny opis - ML1000605D_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
MAH1000503R30812Q IRF-MAH1000503R30812Q_15 Datasheet
1Mb / 20P
   100V Input, Quad Output
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670 Datasheet
239Kb / 12P
   Dual-Input, Dual-Output Load Switches
AAT4670 ANALOGICTECH-AAT4670_06 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Shenzhen Huazhimei Semi...
HM3125 HMSEMI-HM3125 Datasheet
1Mb / 6P
   Input 20-100V output 2A asynchronous step-down controller
logo
Linear Technology
LT1804 LINER-LT1804_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1805 LINER-LT1805_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1803 LINER-LT1803 Datasheet
401Kb / 20P
   Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1803 LINER-LT1803_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
logo
International Rectifier
HTA20 IRF-HTA20_15 Datasheet
186Kb / 14P
   200V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com