Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TD3062 Arkusz danych(PDF) 2 Page - Solid State Optronic

Numer części TD3062
Szczegółowy opis  Zero-Volt Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSOUSA [Solid State Optronic]
Strona internetowa  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TD3062 Arkusz danych(HTML) 2 Page - Solid State Optronic

  TD3062 Datasheet HTML 1Page - Solid State Optronic TD3062 Datasheet HTML 2Page - Solid State Optronic TD3062 Datasheet HTML 3Page - Solid State Optronic TD3062 Datasheet HTML 4Page - Solid State Optronic TD3062 Datasheet HTML 5Page - Solid State Optronic TD3062 Datasheet HTML 6Page - Solid State Optronic TD3062 Datasheet HTML 7Page - Solid State Optronic TD3062 Datasheet HTML 8Page - Solid State Optronic TD3062 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 9
TD3062 /H/S/TR
Rev 2.01 (11/12/2013)
001678
TD3062
Zero Volt Switching
600V
Triac Driver
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
LED Forward Voltage
VF
-
1.4
1.8
V
IF = 10mA
LED Reverse Voltage
BVR
5
-
-
V
IR = 10μA
Reverse Leakage Current
IInRleak
-
-
10
A
VR = 6μA
Trigger Current
1
IFT
-
-
10
mA
Main Terminal Voltage = 3V
Output Specifications
Blocking Voltage
VDRM
600
-
-
V
IO = 1A
Peak Blocking Current
IDRM1
-
60
500
nA
VDRM = 600V
On-State Voltage
VON
-
1.8
3
V
IF = 10mA, ITM = 100mA
Leakage Current
IDRM2
-
0.2
1
A
IF=0mA, VDRM = 600V
Holding Current
IHOLD
-
100
-
A
-
Inhibit Voltage
VINH
-
5
20
V
IF = 10mA
Critical Rate of Rise
2
dV/dt
1000
2000
-
V/
S
-
Isolation Specifications
Isolation Voltage
VISO
5,000
-
-
VRMS
RH ≤ 50%, t=1min
Input-Output Resistance
RI-O
-
10
12
-

VI-O = 500VDC
Note 1:
Resistive load. For inductive loads, higher drive current is recommended
Note 2:
This is for static dV/dt. Test Circuit Below
Electrical Characteristics, TA = 25°C (unless otherwise specified)
TD3062 Static dV/dt Test Circuit:


Podobny numer części - TD3062

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid State Optronic
TD3061 SSOUSA-TD3061 Datasheet
436Kb / 9P
   Trigger Current (15mA MAX)
TD3063 SSOUSA-TD3063 Datasheet
481Kb / 5P
   Zero-Volt Switching Triac Driver
More results

Podobny opis - TD3062

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid State Optronic
TD3081 SSOUSA-TD3081 Datasheet
436Kb / 9P
   Zero Volt Switching
TD3042 SSOUSA-TD3042 Datasheet
594Kb / 5P
   Zero-Volt Switching
TD3041 SSOUSA-TD3041 Datasheet
436Kb / 9P
   Zero Volt Switching
S106 SSOUSA-S106_15 Datasheet
235Kb / 5P
   Zero-Volt Cross Switching
S112-X SSOUSA-S112-X Datasheet
347Kb / 8P
   Zero-Volt Cross Switching
S942-X SSOUSA-S942-X Datasheet
275Kb / 7P
   Zero-Volt Cross Switching
S108-X SSOUSA-S108-X Datasheet
440Kb / 8P
   Zero-Volt Cross Switching
S109 SSOUSA-S109 Datasheet
247Kb / 8P
   Zero-Volt Cross Switching
S842 SSOUSA-S842_15 Datasheet
212Kb / 5P
   Zero-Volt Cross Switching
S109-X SSOUSA-S109-X Datasheet
275Kb / 8P
   Zero-Volt Cross Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com