Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS12N8W3C Arkusz danych(PDF) 3 Page - HB Electronic Components

Numer części SS12N8W3C
Szczegółowy opis  High radiometric power per LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HB [HB Electronic Components]
Strona internetowa  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

SS12N8W3C Arkusz danych(HTML) 3 Page - HB Electronic Components

  SS12N8W3C Datasheet HTML 1Page - HB Electronic Components SS12N8W3C Datasheet HTML 2Page - HB Electronic Components SS12N8W3C Datasheet HTML 3Page - HB Electronic Components SS12N8W3C Datasheet HTML 4Page - HB Electronic Components SS12N8W3C Datasheet HTML 5Page - HB Electronic Components SS12N8W3C Datasheet HTML 6Page - HB Electronic Components SS12N8W3C Datasheet HTML 7Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Part No.:
Electrical and optical characteristics (Ta = 25℃)
Value
Parameter
Symbol
Test
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
22.5
V
Luminous Flux
Φv
630
----
lm
Viewing Angle
2θ1/2
----
120
----
Deg.
Color Temperature
CCT
IF = 350mA
2500
-----
3500
K
Thermal Resistance
Rj
-----
3
℃/W
Luminous Flux Bins(Ta = 25℃)
Unit: lm
Bin
A2
B2
C2
Min
500
600
700
Max
600
700
800
Chromaticity Coordinates Ranks(IF=350mA
Ta=25℃)
Bin
X1
Y1
X2
Y2
X3
Y3
X4
Y4
WE1
0.4805
0.4306
0.4751
0.4215
0.4835
0.4235
0.4892
0.4327
WE2
0.4751
0.4215
0.4696
0.4123
0.4777
0.4143
0.4835
0.4235
WE3
0.4696
0.4123
0.4642
0.4032
0.4720
0.4051
0.4777
0.4143
WE4
0.4642
0.4032
0.4587
0.3940
0.4662
0.3959
0.4720
0.4051
WF1
0.4719
0.4286
0.4668
0.4195
0.4751
0.4215
0.4805
0.4306
WF2
0.4668
0.4195
0.4616
0.4103
0.4696
0.4123
0.4751
0.4215
WF3
0.4616
0.4103
0.4564
0.4012
0.4642
0.4032
0.4696
0.4123
WF4
0.4564
0.4012
0.4512
0.3921
0.4587
0.3940
0.4642
0.4032
WG1
0.4632
0.4264
0.4583
0.4174
0.4668
0.4195
0.4719
0.4286
WG2
0.4583
0.4174
0.4535
0.4083
0.4616
0.4103
0.4668
0.4195
WG3
0.4535
0.4083
0.4486
0.3993
0.4564
0.4012
0.4616
0.4103
WG4
0.4486
0.3993
0.4438
0.3903
0.4512
0.3921
0.4564
0.4012
WH1
0.4546
0.4244
0.4500
0.4154
0.4583
0.4174
0.4632
0.4264
WH2
0.4500
0.4154
0.4454
0.4064
0.4535
0.4083
0.4583
0.4174
WH3
0.4454
0.4064
0.4408
0.3973
0.4486
0.3993
0.4535
0.4083
WH4
0.4408
0.3973
0.4363
0.3884
0.4438
0.3903
0.4486
0.3993
WI1
0.4459
0.4223
0.4417
0.4134
0.4500
0.4154
0.4546
0.4244
WI2
0.4417
0.4134
0.4373
0.4044
0.4454
0.4064
0.4500
0.4154
WI3
0.4373
0.4044
0.4330
0.3954
0.4408
0.3973
0.4454
0.4064
WI4
0.4330
0.3954
0.4288
0.3865
0.4363
0.3884
0.4408
0.3973
WJ1
0.4387
0.4194
0.4347
0.4106
0.4417
0.4134
0.4459
0.4223
SPECIFICATION
Hebei I.T. (Shanghai) Co., Lt d.
Page 3 of 7
Rev:B/3
www.ledz.com
SS1 2N8W3C


Podobny numer części - SS12N8W3C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HB Electronic Component...
SS12N8W6C HB-SS12N8W6C Datasheet
792Kb / 6P
   High radiometric power per LED
More results

Podobny opis - SS12N8W3C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HB Electronic Component...
3VAC9CW6 HB-3VAC9CW6 Datasheet
109Kb / 3P
   High radiometric power per LED
4VAC13CW3 HB-4VAC13CW3 Datasheet
902Kb / 7P
   High radiometric power per LED
SR12N3W3C HB-SR12N3W3C Datasheet
636Kb / 7P
   High radiometric power per LED
3VAC9CW3 HB-3VAC9CW3 Datasheet
105Kb / 3P
   High radiometric power per LED
SG7N50W6-1500MA HB-SG7N50W6-1500MA Datasheet
200Kb / 6P
   High radiometric power per LED
RG3N7W6-750MA HB-RG3N7W6-750MA Datasheet
383Kb / 6P
   High radiometric power per LED
SS12N7W6C HB-SS12N7W6C Datasheet
772Kb / 6P
   High radiometric power per LED
SS12N8W6C HB-SS12N8W6C Datasheet
792Kb / 6P
   High radiometric power per LED
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
SG7N40W6-1400MA HB-SG7N40W6-1400MA Datasheet
322Kb / 6P
   High radiometric power per LED
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com