Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3100D2-Q1 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części TPA3100D2-Q1
Szczegółowy opis  20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA3100D2-Q1 Arkusz danych(HTML) 5 Page - Texas Instruments

  TPA3100D2-Q1_15 Datasheet HTML 1Page - Texas Instruments TPA3100D2-Q1_15 Datasheet HTML 2Page - Texas Instruments TPA3100D2-Q1_15 Datasheet HTML 3Page - Texas Instruments TPA3100D2-Q1_15 Datasheet HTML 4Page - Texas Instruments TPA3100D2-Q1_15 Datasheet HTML 5Page - Texas Instruments TPA3100D2-Q1_15 Datasheet HTML 6Page - Texas Instruments TPA3100D2-Q1_15 Datasheet HTML 7Page - Texas Instruments TPA3100D2-Q1_15 Datasheet HTML 8Page - Texas Instruments TPA3100D2-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
AC CHARACTERISTICS
TPA3100D2-Q1
www.ti.com ......................................................................................................................................................................................... SLOS557 – SEPTEMBER 2008
TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
200-mVPP ripple from 20 Hz to 1 kHz,
KSVR
Supply ripple rejection
–70
dB
Gain = 20 dB, Inputs ac-coupled to AGND
THD+N = 7%, f = 1 kHz
9.4
THD+N = 10%, f = 1 kHz
10
PO
Continuous output power
W
THD+N = 7%, f = 1 kHz, RL = 4 Ω
15.6
THD+N = 10%, f = 1 kHz, RL = 4 Ω
16.4
RL = 8 Ω, f = 1 kHz, PO = 5 W (half power)
0.11
THD+N
Total harmonic distortion + noise
%
RL = 4 Ω, f = 1 kHz, PO = 8 W (half power)
0.15
100
µV
Vn
Output integrated noise
20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB
–80
dBV
Crosstalk
Po = 1 W, Gain = 20 dB, f = 1 kHz
–94
dB
Maximum output at THD+N < 1%, f = 1 kHz,
SNR
Signal-to-noise ratio
98
dB
Gain = 20 dB, A-weighted
Thermal trip point
150
°C
Thermal hysteresis
30
°C
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5


Podobny numer części - TPA3100D2-Q1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA3100D2-Q1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI-TPA3100D2_07 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2100 EUTECH-EUA2100 Datasheet
172Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2 TI-TPA3100D2 Datasheet
2Mb / 31P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com