Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3USB30E Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części TS3USB30E
Szczegółowy opis  TS3USB30E ESD-Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3USB30E Arkusz danych(HTML) 4 Page - Texas Instruments

  TS3USB30E_15 Datasheet HTML 1Page - Texas Instruments TS3USB30E_15 Datasheet HTML 2Page - Texas Instruments TS3USB30E_15 Datasheet HTML 3Page - Texas Instruments TS3USB30E_15 Datasheet HTML 4Page - Texas Instruments TS3USB30E_15 Datasheet HTML 5Page - Texas Instruments TS3USB30E_15 Datasheet HTML 6Page - Texas Instruments TS3USB30E_15 Datasheet HTML 7Page - Texas Instruments TS3USB30E_15 Datasheet HTML 8Page - Texas Instruments TS3USB30E_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TS3USB30E
SCDS255F – DECEMBER 2008 – REVISED AUGUST 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (see
(1) (2))
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
7
V
VIN
Control input voltage(3)
–0.5
7
V
D+, D– when VCC > 0
–0.5
VCC + 0.3
VI/O
Signal path I/O voltage(3) (4)
V
D+, D– when VCC = 0
–0.5
5.25
IIK
Control input clamp current
VIN < 0
–50
mA
II/OK
I/O port clamp current
VI/O < 0
–50
mA
II/O
ON-state switch current(5)
±64
mA
Continuous current through VCC or GND
±100
mA
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions . Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
VI and VO are used to denote specific conditions for VI/O.
(5)
II and IO are used to denote specific conditions for II/O.
6.2 ESD Ratings
VALUE
UNIT
All pins
8000
Human body model (HBM),
per ANSI/ESDA/JEDEC JS-001(1)
V(ESD) Electrostatic discharge
I/O port to GND
15000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
See
(1).
MIN
MAX
UNIT
VCC
Supply voltage
3
4.3
V
VCC = 3 V to 3.6 V
1.3
VCC
VIH
High-level control input voltage
V
VCC = 4.3 V
1.7
VCC
VCC = 3 V to 3.6 V
0
0.5
VIL
Low-level control input voltage
V
VCC = 4.3 V
0
0.7
VI/O
Data input/output voltage
0
VCC
V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to Implications of Slow or
Floating CMOS Inputs (SCBA004).
4
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TS3USB30E


Podobny numer części - TS3USB30E_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
More results

Podobny opis - TS3USB30E_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E Datasheet
705Kb / 15P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A_10 Datasheet
843Kb / 17P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A-Q1 TI1-TS3USB221A-Q1 Datasheet
868Kb / 18P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A_15 Datasheet
1Mb / 25P
[Old version datasheet]   TS3USB221A ESD Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer and Demultiplexer Switch With Single Enable
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
logo
Global Mixed-mode Techn...
G3206 GMT-G3206 Datasheet
91Kb / 1P
   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer Demultiplexer Switch with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com