Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A1066 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TS5A1066
Szczegółowy opis  10-廓 SPST ANALOG SWITCH
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5A1066 Arkusz danych(HTML) 3 Page - Texas Instruments

  TS5A1066_15 Datasheet HTML 1Page - Texas Instruments TS5A1066_15 Datasheet HTML 2Page - Texas Instruments TS5A1066_15 Datasheet HTML 3Page - Texas Instruments TS5A1066_15 Datasheet HTML 4Page - Texas Instruments TS5A1066_15 Datasheet HTML 5Page - Texas Instruments TS5A1066_15 Datasheet HTML 6Page - Texas Instruments TS5A1066_15 Datasheet HTML 7Page - Texas Instruments TS5A1066_15 Datasheet HTML 8Page - Texas Instruments TS5A1066_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
TS5A1066
www.ti.com
SCDS185C – JANUARY 2005 – REVISED SEPTEMBER 2012
Electrical Characteristics for 5-V Supply
(1)
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO
0
V+
V
range
0
≤ VNO ≤ V+,
25°C
7.5
10
ON-state
Switch ON,
ron
4.5 V
ICOM = –30 mA,
resistance
See Figure 13
Full
12
ON-state
25°C
2.5
5
0
≤ VNO ≤ V+,
Switch ON,
resistance
ron(flat)
4.5 V
ICOM = –30 mA,
See Figure 13
Full
6
flatness
VNO = 1 V,
25°C
–0.2
0.1
0.2
NO
VCOM = 4.5 V,
Switch OFF,
OFF leakage
INO(OFF)
or
5.5 V
μA
See Figure 14
Full
–2
2
current
VNO = 4.5 V,
VCOM = 1 V,
VCOM = 1 V,
25°C
–0.1
0.05
0.1
COM
VNO = 4.5 V,
Switch OFF,
OFF leakage
ICOM(OFF)
or
5.5 V
μA
See Figure 14
Full
–0.2
0.2
current
VCOM = 4.5 V,
VNO = 1 V,
VNO = 1 V,
25°C
–0.2
0.1
0.2
NO
VCOM = Open,
Switch ON,
ON leakage
INO(ON)
or
5.5 V
μA
See Figure 15
Full
–2
2
current
VNO = 4.5 V,
VCOM = Open,
VCOM = 1 V,
25°C
–0.1
0.05
0.1
COM
VNO = Open,
Switch ON,
ON leakage
ICOM(ON)
or
5.5 V
μA
See Figure 15
Full
–0.2
0.2
current
VCOM = 4.5 V,
VNO = Open,
Digital Control Input (IN)
Input logic high
VIH
Full
V+ × 0.7
5.5
V
Input logic low
VIL
Full
0
V+ × 0.3
V
25°C
–0.1
0.05
0.1
Input leakage
IIH, IIL
VI = 5.5 V or 0
5.5 V
μA
current
Full
–1
1
(1)
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TS5A1066


Podobny numer części - TS5A1066_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A1066 TI-TS5A1066_10 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
More results

Podobny opis - TS5A1066_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A2066 TI1-TS5A2066_14 Datasheet
983Kb / 31P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066_10 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066_15 Datasheet
928Kb / 30P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_15 Datasheet
1,012Kb / 31P
[Old version datasheet]   TS5A3166 0.9-廓 SPST Analog Switch
TS5A1066 TI-TS5A1066_10 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066 Datasheet
220Kb / 19P
[Old version datasheet]   10 OHM SPST ANALOG SWITCH
logo
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156_07 Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156 FAIRCHILD-FSA2156_11 Datasheet
699Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com