Zakładka z wyszukiwarką danych komponentów |
|
TS5A3154 Arkusz danych(PDF) 6 Page - Texas Instruments |
|
TS5A3154 Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 28 page TS5A3154 SCDS191C – MARCH 2005 – REVISED FEBRUARY 2012 www.ti.com Electrical Characteristics for 3.3-V Supply (1) V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, VNO, 0 V+ V range VNC 25 °C 1.3 1.6 Peak ON 0 ≤ (VNO or VNC) ≤ V+, Switch ON, rpeak 3 V Ω resistance ICOM = –100 mA, See Figure 13 Full 1.9 25 °C 1.2 1.5 ON-state VNO or VNC = 2 V, Switch ON, ron 3 V Ω resistance ICOM = –100 mA, See Figure 13 Full 1.7 ON-state 25 °C 0.08 0.15 resistance VNO or VNC = 2 V, 0.8 V Switch ON, match Δron 3 V Ω ICOM = –100 mA, See Figure 13 Full 0.15 between channels 25 °C 0.3 0 ≤ (VNO or VNC) ≤ V+, Switch ON, ON-state ICOM = –100 mA, See Figure 13 Full resistance ron(flat) 3 V Ω 25 °C 0.09 0.15 VNO or VNC = 2 V, 0.8 V, Switch ON, flatness ICOM = –100 mA, See Figure 13 Full 0.15 VNC or VNO = 1 V, VCOM = 3 V, 25 °C –20 2 20 INC(OFF), Switch OFF, or 3.6 V nA NC, NO INO(OFF) See Figure 14 Full –50 50 VNC or VNO = 3 V, VCOM = 1 V, OFF leakage current 25 °C –1 0.2 1 INC(PWROFF), VNC or VNO = 0 to 3.6 V, Switch OFF, 0 V μA INO(PWROFF) VCOM = 3.6 V to 0 V, See Figure 14 Full –15 15 NC, NO VNC or VNO = 1 V, VCOM = Open, 25 °C –20 2 20 INC(ON), Switch ON, ON leakage or 3.6 V nA INO(ON) See Figure 15 Full –50 50 current VNC or VNO = 3 V, VCOM = Open, VCOM = 1 V, VNC or VNO = 3 V, 25 °C –20 2 20 Switch OFF, ICOM(OFF) or 3.6 V nA COM See Figure 14 Full –50 50 VCOM = 3 V, VNC or VNO = 1 V, OFF leakage current 25 °C –1 0.2 1 VNC or VNO = 0 to 3.6 V, Switch OFF, ICOM(PWROFF) 0 V μA VCOM = 3.6 V to 0, See Figure 14 Full –15 15 COM VCOM = 1 V, VNC or VNO = Open, 25 °C –20 2 20 Switch ON, ON leakage ICOM(ON) or 3.6 V nA See Figure 15 Full –50 50 current VCOM = 3 V, VNC or VNO = Open Digital Control Inputs (IN, EN)(2) Input logic high VIH Full 2 5.5 V Input logic low VIL Full 0 0.8 V 25 °C –100 25 100 Input leakage IIH, IIL VI = 5.5 V or 0 3.6 V nA current Full –100 100 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum. (2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 6 Submit Documentation Feedback Copyright © 2005–2012, Texas Instruments Incorporated Product Folder Link(s): TS5A3154 |
Podobny numer części - TS5A3154_15 |
|
Podobny opis - TS5A3154_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |