Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A3166 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części TS5A3166
Szczegółowy opis  TS5A3166 0.9-廓 SPST Analog Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5A3166 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TS5A3166_15 Datasheet HTML 5Page - Texas Instruments TS5A3166_15 Datasheet HTML 6Page - Texas Instruments TS5A3166_15 Datasheet HTML 7Page - Texas Instruments TS5A3166_15 Datasheet HTML 8Page - Texas Instruments TS5A3166_15 Datasheet HTML 9Page - Texas Instruments TS5A3166_15 Datasheet HTML 10Page - Texas Instruments TS5A3166_15 Datasheet HTML 11Page - Texas Instruments TS5A3166_15 Datasheet HTML 12Page - Texas Instruments TS5A3166_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TS5A3166
www.ti.com
SCDS186C – FEBRUARY 2005 – REVISED MAY 2015
Electrical Characteristics for 1.8-V Supply
(1)
(continued)
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted))
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
VCOM = 1 V,
25°C
–5
5
VNO = 3 V,
ICOM(OFF)
or
1.95 V
nA
COM
Full
–50
50
Switch OFF,
VCOM = 3 V,
OFF leakage
see Figure 14
VNO = 1 V,
current
25°C
–2
2
ICOM(PWROFF
VCOM = 0 to 3.6 V,
0 V
μA
)
VNO = 3.6 V to 0,
Full
–10
10
VNO = 1 V,
25°C
–2
2
NO
VCOM = Open,
Switch ON,
INO(ON)
ON leakage
or
1.95 V
nA
see Figure 15
Full
–20
20
current
VNO = 3 V,
VCOM = Open,
VCOM = 1 V,
25°C
–2
2
COM
VNO = Open,
Switch ON,
ICOM(ON)
ON leakage
or
1.95 V
nA
see Figure 15
Full
–20
20
current
VCOM = 3 V,
VNO = Open,
Digital Control Inputs (IN1, IN2)
VIH
Input logic high
Full
1.5
5.5
V
VIL
Input logic low
Full
0
0.6
V
25°C
–2
0.3
2
Input leakage
IIH, IIL
VI = 5.5 V or 0
1.95 V
nA
current
Full
–20
20
Dynamic
25°C
1.8 V
3
9
18
VCOM = V+,
CL = 35 pF,
tON
Turnon time
ns
1.65 V to
RL = 50 Ω,
see Figure 17
Full
1
20
1.95 V
25°C
1.8 V
5
10
15.5
VCOM = V+,
CL = 35 pF,
tOFF
Turnoff time
ns
1.65 V to
RL = 50 Ω,
see Figure 17
Full
4
18.5
1.95 V
VGEN = 0,
CL = 1 nF,
QC
Charge injection
25°C
1.8 V
2
pC
RGEN = 0,
see Figure 21
NO
VNO = V+ or GND,
CNO(OFF)
See Figure 16
25°C
1.8 V
19.5
pF
OFF capacitance
Switch OFF,
COM
VCOM = V+ or GND,
CCOM(OFF)
See Figure 16
25°C
1.8 V
18.5
pF
OFF capacitance
Switch OFF,
NO
VNO = V+ or GND,
CNO(ON)
See Figure 16
25°C
1.8 V
36.5
pF
ON capacitance
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 16
25°C
1.8 V
36.5
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 16
25°C
1.8 V
2
pF
capacitance
RL = 50 Ω,
BW
Bandwidth
See Figure 18
25°C
1.8 V
150
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OISO
OFF isolation
25°C
1.8 V
–62
dB
f = 1 MHz,
see Figure 19
f = 20 Hz to 20
Total harmonic
RL = 600 Ω,
0.055
THD
kHz
25°C
1.8 V
distortion
CL = 50 pF,
%
see Figure 21
Supply
25°C
0.001
0.01
Positive supply
Switch ON or
I+
VI = V+ or GND,
1.95 V
μA
current
OFF
Full
0.15
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TS5A3166


Podobny numer części - TS5A3166_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
More results

Podobny opis - TS5A3166_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3166-Q1 TI-TS5A3166-Q1_15 Datasheet
896Kb / 30P
[Old version datasheet]   TS5A3166-Q1 0.9-廓 SPST Analog Switch
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com